Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD315AI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SD315AI
Description  Dual SCALE Driver Core for IGBTs and Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2SD315AI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SD315AI Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 3Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 4Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 5Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 6Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 7Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 8Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SCALE Driver
2SD315AI Data Sheet
IGBT-Driver.com
Page 1
2SD315AI Dual SCALE Driver Core
for IGBTs and Power MOSFETs
Description
The SCALE drivers from CONCEPT are
based on a chip set that was
developed specifically for the reliable
driving and safe operation of IGBTs
and power MOSFETs.
The name “SCALE” is an acronym for the
most outstanding properties of the SCALE
series of drivers:
SCALE = Scaleable, Compact, All purpose,
Low cost and Easy to use.
The SCALE driver is a winning project of the
competition organized by “Technology Center
Switzerland 1998”. And ABB Switzerland AG honored the development of the SCALE
driver by distinguishing it as the “best power electronics project in 1998”.
Product Highlights
Applications
[ Suitable for 1200V and 1700V IGBTs
[ Inverters
[ Short circuit and overcurrent protection
[ Motor drive technology
[ Extremely reliable, long service life
[ Traction
[ High gate current of ±15A
[ Railroad power supplies
[ Electrical isolation of 4000VAC
[ Converters
[ Electrically isolated status acknowledgement
[ Power engineering
[ Monitoring of power supply and self-monitoring [ Switched-mode power supplies
[ Switching frequency DC to >100kHz
[ Radiology and laser technology
[ Duty cycle: 0... 100%
[ DC/DC converter
[ High dv/dt immunity, guaranteed >100,000V/µs [ Research
[ Complete with DC/DC converter
[ RF generators and converters


Similar Part No. - 2SD315AI

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
2SD315AI POWERINT-2SD315AI Datasheet
507Kb / 15P
2SD315AI Dual SCALE Driver Core
More results

Similar Description - 2SD315AI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
logo
List of Unclassifed Man...
2SD106A ETC-2SD106A Datasheet
62Kb / 1P
Ultra-compact dual SCALE driver for IGBTs with blocking voltages up to 1200V
6SD106E ETC1-6SD106E Datasheet
376Kb / 12P
Six-pack SCALE Driver for IGBTs and Power MOSFETs
logo
eupec GmbH
2ED300C17-S EUPEC-2ED300C17-S Datasheet
477Kb / 32P
Dual IGBT Driver for Medium and High Power IGBTs
logo
List of Unclassifed Man...
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
logo
Infineon Technologies A...
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
logo
International Rectifier
AN-980 IRF-AN-980 Datasheet
375Kb / 7P
IGBTs vs HEXFET Power MOSFETs
logo
IXYS Corporation
IXD611 IXYS-IXD611 Datasheet
278Kb / 14P
600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
logo
Renesas Technology Corp
RAJ2930004AGM RENESAS-RAJ2930004AGM Datasheet
740Kb / 10P
Gate Driver IC for IGBTs and SiC MOSFETs
Feb. 2023 Rev0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com