Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28014 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 28014
Description  For perfect straight cuts in wood, non-ferrous metals, plastic and PC cards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28014 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  28014 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28014 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28014 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28014 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Important:
Power transmission by toothed belt via ball bearings, housed in sturdy casing, ensures the
right blade speed for the job (approx. 5,000rpm) with a doubling of torque (approx.). Above
all, it ensures good cutting depth.
Graduated mitre stop.
Machined, die-cast
aluminium table of 160 x
160mm.
Quiet, high performance
VDE approved motor for
prolonged use.
Base of ABS with a
sawdust door on the
right.
Super-cut blade 58mm
diameter, 80 teeth,
individually set and
sharpened, is included.
Adjustable fence with
scale.
Very important when
sawing: our vacuum
cleaner adaptor for a
cleaner work
environment. We
recommend the use of
our vacuum cleaner
controller AS/E or our
compact workshop
vacuum cleaner CW-
matic.
Saw blades for bench circular saw KS 230



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com