Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28014 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 28014
Description  For perfect straight cuts in wood, non-ferrous metals, plastic and PC cards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28014 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  28014 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28014 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28014 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28014 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Crosscut 'super-cut' blade
58mm diameter (10mm bore). 80 alternately set teeth. Ideal for hard and soft wood as well as
plastic and Pertinax. For fast, clean cuts. Teeth are individually set and sharpened. Superior
cutting power!
NO 28 014
Solid carbide saw blade
50mm diameter (10mm bore) 0.5mm thick. Fine toothed: ideal for cutting fibreglass sheets up
to 3mm, non-ferrous metals, duro-plastics and other 'difficult' materials.
NO 28 011
Diamond blade
50mm diameter (10mm bore). With 0.5mm layer of class 'D107' diamond for cutting
ceramics, as well as fibreglass sheets.
NO 28 012
HSS saw blade
50mm diameter (10 mm bore), fine teeth. Designed for precision cutting.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com