Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2605ZP66R Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC2605ZP66R
Description  Integrated Secondary Cache for PowerPC Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2605ZP66R Datasheet(HTML) 1 Page - Motorola, Inc

  MPC2605ZP66R Datasheet HTML 1Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 2Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 3Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 4Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 5Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 6Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 7Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 8Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MPC2605
1
MOTOROLA
Product Preview
Integrated Secondary Cache
for PowerPC
™ Microprocessors
The MPC2605 is a single chip, 256KB integrated look–aside cache with
copy–back capability designed for PowerPC applications (MPC603 and
MPC604). Using 0.38
µm technology along with standard cell logic technology,
the MPC2605 integrates data, tag, host interface, and least recently used (LRU)
memory with a cache controller to provide a 256KB, 512KB, or 1 MB Level 2
cache with one, two, or four chips on a 64–bit PowerPC bus.
• Single Chip L2 Cache for PowerPC
• 66 MHz Zero Wait State Performance (2–1–1–1 Burst)
• Four–Way Set Associative Cache Design
• 32K x 72 Data Memory Array
• 8K x 18 Tag Array
• Address Parity Support
• LRU Cache Control Logic
• Copy–Back or Write–Through Modes of Operation
• Copy–Back Buffer for Improved Performance
• Single 3.3 V Power Supply
• 5 V Tolerant I/O
• One, Two, or Four Chip Cache Solution (256KB, 512KB, or 1MB)
• Single Clock Operation
• Compliant with IEEE Standard 1149.1 Test Access Port (JTAG)
• Supports up to Four Processors in a Shared Cache Configuration
• High Board Density 25 mm 241 PBGA Package
WAY SELECT
DH0 – DH31
DL0 – DL31
DP0 – DP7
RD/WR
A27, A28
A0 – A31
60X BUS
INTERFACE
RD/WR
BLOCK DIAGRAM
CONTROL
CONTROLLER
AND
BUS INTERFACE
8K x 72 x 4
DATA RAM
COPY–BACK
BUFFER
2K x 8 LRU
2K x 18 x 4
TAG RAM
COMPARE
The PowerPC name is a trademark of IBM Corp., used under license therefrom.
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MPC2605/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPC2605
ZP PACKAGE
PBGA
CASE 1138–01
REV 6
2/26/98
© Motorola, Inc. 1998


Similar Part No. - MPC2605ZP66R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG12 MOTOROLA-MPC2001SG12 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG15 MOTOROLA-MPC2001SG15 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2002SG50 MOTOROLA-MPC2002SG50 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
More results

Similar Description - MPC2605ZP66R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
PMC-Sierra, Inc
RM7935 PMC-RM7935 Datasheet
668Kb / 2P
64-bit Microprocessors with Integrated L2 Cache and EJTAG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com