Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.DP1205-868-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # Wi.DP1205-868-R
Description  mplete Radio Transceiver Modules operating in the 433, 868 and 915 MHz license free ISM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Wi.DP1205-868-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button Wi.DP1205-868-R Datasheet HTML 8Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 11Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 12Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 14Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 15Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
WI.DP1205-XXX-R DATASHEET
11
5. Data Operation Modes
The XE1205 is user-programmable between two modes of operation:
Continuous Mode
: each bit transmitted or received is accessed directly at the DATA input/output pin.
Buffered Mode
: a 16-byte FIFO is used to store each data byte transmitted or received. This data is written
to/read from the FIFO via the SPI bus. It reduces processor overhead and reduces connections (the DATA
input/output pin is not used in this operation mode)
In receiver mode, two lines are dedicated to interrupt information. The interrupt pins are IRQ0 and IRQ1. IRQ0
has 3 selectable sources. IRQ1 has 2 selectable sources. The two following tables summarize the interrupt
management.
IRQParam RX irq 0
MCParam Buffered Mode
IRQ0
IRQ0 Interrupt Source
00
1
Output
No interrupt available
01
1
Output
Write_byte
10
1
Output
/fifoempty
11
1
Output
Pattern
00
0
Output
Pattern
01
0
Output
RSSI_irq
10
0
Output
Pattern
11
0
Output
Pattern
Table 4, IRQ0 Interrupt Sources in Receive Mode
IRQParam RX irq 1
MCParam Buffered Mode
IRQ1
IRQ1 Interrupt Source
00
1
Output
No interrupt available
01
1
Output
Fifofull
10
1
Output
RSSI_irq
11
1
Output
RSSI_irq
00
0
Output
DCLK
01
0
Output
DCLK
10
0
Output
DCLK
11
0
Output
DCLK
Table 5, IRQ1 Interrupt Sources in Receive Mode
For more information about the data operation modes, please refer to the XE1205 datasheet chapter:
Description.
You can find this at http://www.semtech.com.
Chapter
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com