Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.DP1205-868-R Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # Wi.DP1205-868-R
Description  mplete Radio Transceiver Modules operating in the 433, 868 and 915 MHz license free ISM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Wi.DP1205-868-R Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button Wi.DP1205-868-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 11Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 12Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 14Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 15Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 16Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
WI.DP1205-XXX-R DATASHEET
12
6. Serial Control Interface
The XE1205 contains two SPI-compatible serial interfaces, one to send and read the chip configuration, the other
to send and receive data in buffered mode. Both interfaces are configured in slave mode and share the same
pins MISO (Master In Slave Out), MOSI (Master Out Slave In), SCK (Serial Clock). Two additional pins are
required to select the SPI interface: NSS_CONFIG to change or read the transceiver configuration, and
NSS_DATA to send or read data.
Figure 3 show the connections between the transceiver and a microcontroller when buffered mode is used.
Figure 3: Serial Control Interface
Chapter
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com