Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-1042-C3-R0_DS Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-1042-C3-R0_DS
Description  maxiFLOW™ Cross Cut High Performance Heat Sinks with Hardware Attachment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-1042-C3-R0_DS Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-1042-C3-R0_DS Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
Notes:
Dimension C = heat sink height from bottom of the base to the top
of the fin fielD.
thermal performanCe Data are proviDeD for referenCe only. aCtual
performanCe may vary by appliCation.
ats reserves the right to upDate or Change its proDuCts without
notiCe
ContaCt ats to learn about Custom options available
1)
2)
3)
4)
thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-1042-C3-R0
Features & Benefits
maxiFLoW™ Cross Cut
High Performance Heat sinks
with Hardware Attachment
REV1_0908
AIR VELOCITy
THERMAL RESISTANCE (
°C/w UNDUCTED)
ft/min
m/s
air flow straight
air flow siDeways
200
1.0
300
1.5
400
2.0
500
2.5
600
3.0
2.5
2
1.8
5.6
1.7
41 mm
45 mm
15 mm
64 mm
green anoDiZeD
ChomeriCs t-766
for larger heat sinks and higher pre-loads, push pins with compression
springs are an effective mounting choice. the push pin has a flexible
barb at the end that is designed to engage with a pre-drilled hole in
a pwb. the compression spring adds the necessary force to hold
the assembly together. provides better thermal performance than
comparable size straight fin and pin fin heat sinks
features proven high performance maxiflow™ heat sink spread fin
array to maximize cooling surfaces
ideal for tight spaced components where wider heat sinks can’t be
used
provided with pre-assembled thermal interface material centered on
base
pem standoff with compression and screws
reccomended through hole size in pCb is 3.00 mm
»
»
»
»
»
»
*Image above is for illustration purposes only.
4.3
3.4
2.6
2.2
3.3


Similar Part No. - ATS-1042-C3-R0_DS

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1042-C3-R0 ATS-ATS-1042-C3-R0 Datasheet
435Kb / 1P
High Performance Heat Sinks
REV3_052912
More results

Similar Description - ATS-1042-C3-R0_DS

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0_DS ATS-ATS-1042-C2-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Metal Push Pin
REV1_0908
ATS-1038-C2-R0_DS ATS-ATS-1038-C2-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Metal Push Pin
REV1_0908
ATS-1038-C3-R0_DS ATS-ATS-1038-C3-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Hardware Attachment
REV1_0908
ATS-1039-C2-R0_DS ATS-ATS-1039-C2-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Metal Push Pin
REV1_0908
ATS-1039-C3-R0_DS ATS-ATS-1039-C3-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Hardware Attachment
REV1_0908
ATS-1040-C1-R0_DS ATS-ATS-1040-C1-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Plastic Push Pin
REV1_0908
ATS-1040-C2-R0_DS ATS-ATS-1040-C2-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Metal Push Pin
REV1_0908
ATS-1040-C3-R0_DS ATS-ATS-1040-C3-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Hardware Attachment
REV1_0908
ATS-1041-C3-R0_DS ATS-ATS-1041-C3-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Hardware Attachment
REV1_0908
ATS-1043-C3-R0 ATS-ATS-1043-C3-R0 Datasheet
435Kb / 1P
Cross Cut High Performance Heat Sinks with Hardware Attachment
REV3_052912
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com