Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4612B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4612B
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4612B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4612B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4612B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4612B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4612B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4612B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4612B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE4612B
Complementary Enhancement Mode Field Effect Transistor
VER 1.2
2
Ordering information
ACE4612B XX + H
N-channel Electrical Characteristics TA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
30
33
V
Zero Gate Voltage Drain Current
IDSS
VDS=24V, VGS=0V
1
uA
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=5A
27
50
m
Ω
VGS=4.5V, ID=5A
39
63
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250uA
1
1.5
3
V
Forward Transconductance
gFS
VDS=5V, ID=5A
7.3
S
Diode Forward Voltage
VSD
IS=1A, VGS=0V
0.76
V
Turn-On Delay Time
Td(on)
VDS=15V, VGS=10V
RGEN=3Ω, RL=2.3Ω
18
ns
Turn-Off Delay Time
td(off)
70
Input Capacitance
Ciss
VDS=15V, VGS=0V
f=1MHz
407
pF
Output Capacitance
Coss
113
Reverse Transfer Capacitance
Crss
57
P-channel Electrical Characteristics TA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
-30
-36
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V, VGS=0V
-1
uA
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-4A
61
65
m
Ω
VGS=-4.5V, ID=-3A
77
85
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250uA
-1
-1.5
-3
V
Forward Transconductance
gFS
VDS=-5V, ID=-4A
12
S
Diode Forward Voltage
VSD
IS=-1A, VGS=0V
-0.8
V
Turn-On Delay Time
Td(on)
VDS=-15V, VGS=-10V
RGEN=3Ω, RL=2.5Ω
18
ns
Turn-Off Delay Time
td(off)
70
FM : SOP-8
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com