Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4612B Datasheet (PDF) - ACE Technology Co., LTD.

ACE4612B Datasheet PDF - ACE Technology Co., LTD.
Part # ACE4612B
Download  ACE4612B Download
File Size   660.43 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Complementary Enhancement Mode Field Effect Transistor

ACE4612B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE4612B Datasheet PDF - ACE Technology Co., LTD.

Part # ACE4612B
Download  ACE4612B Click to download

File Size   660.43 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Complementary Enhancement Mode Field Effect Transistor

ACE4612B Datasheet (HTML) - ACE Technology Co., LTD.


ACE4612B Product details

Description

ACE4612B uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The complementary MOSFETs may be used to form a level shifted high side switch, and for a host of other applications.



Features

N-channel

• VDS=30V

• VGS=20V

• ID=6A



P-channel

• VDS=-30V

• VGS=20V

• ID=-4A



 




Similar Part No. - ACE4612B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4613B ACE-ACE4613B Datasheet
670Kb / 6P
Complementary Enhancement Mode Field Effect Transistor
VER 1.2
ACE4614B ACE-ACE4614B Datasheet
1Mb / 9P
30V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
ACE4614BFM+H ACE-ACE4614BFM+H Datasheet
208Kb / 3P
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
More results


Similar Description - ACE4612B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com