Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4614B Datasheet (PDF) - ACE Technology Co., LTD.

ACE4614B Datasheet PDF - ACE Technology Co., LTD.
Part # ACE4614B
Download  ACE4614B Download
File Size   1030.79 Kbytes
Page   9 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 30V Complementary Enhancement Mode Field Effect Transistor

ACE4614B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE4614B Datasheet PDF - ACE Technology Co., LTD.

Part # ACE4614B
Download  ACE4614B Click to download

File Size   1030.79 Kbytes
Page   9 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 30V Complementary Enhancement Mode Field Effect Transistor

ACE4614B Datasheet (HTML) - ACE Technology Co., LTD.


ACE4614B Product details

Description
The ACE4614B uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low gate charge. The complementary MOSFETs may be used in inverter and other applications.

Features
N-channel
• VDS=30V
• ID=9A
• RDS(ON)<14mΩ(VGS=10V)
• RDS(ON)<22mΩ(VGS=4.5V)

P-channel
• VDS=-30V
• ID=-8A
• RDS(ON)<20mΩ(VGS=-10V)
• RDS(ON)<35mΩ(VGS=-4.5V)




Similar Part No. - ACE4614B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4614BFM+H ACE-ACE4614BFM+H Datasheet
208Kb / 3P
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
More results


Similar Description - ACE4614B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
ACE Technology Co., LTD...
ACE4606TB ACE-ACE4606TB Datasheet
803Kb / 10P
30V Complementary Enhancement Mode Field Effect Transistor
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com