Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4606TB Datasheet (PDF) - ACE Technology Co., LTD.

ACE4606TB Datasheet PDF - ACE Technology Co., LTD.
Part # ACE4606TB
Download  ACE4606TB Download
File Size   803.41 Kbytes
Page   10 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 30V Complementary Enhancement Mode Field Effect Transistor

ACE4606TB Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE4606TB Datasheet PDF - ACE Technology Co., LTD.

Part # ACE4606TB
Download  ACE4606TB Click to download

File Size   803.41 Kbytes
Page   10 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 30V Complementary Enhancement Mode Field Effect Transistor

ACE4606TB Datasheet (HTML) - ACE Technology Co., LTD.


ACE4606TB Product details

Description
The ACE4606TB uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low gate charge. The complementary MOSFETs may be used in inverter and other applications.

Features
N-channel
• VDS=30V
• ID=7A
• RDS(ON) < 26mΩ (VGS=10V)
• RDS(ON) < 45mΩ (VGS=4.5V)

P-channel
• VDS=-30V
• ID=-4A
• RDS(ON) < 58mΩ (VGS=-10V)
• RDS(ON) < 80mΩ (VGS=-4.5V)




Similar Part No. - ACE4606TB

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4600M ACE-ACE4600M Datasheet
766Kb / 6P
N-Channel 60-V (D-S) MOSFET
VER 1.1
More results


Similar Description - ACE4606TB

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
ACE Technology Co., LTD...
ACE4614B ACE-ACE4614B Datasheet
1Mb / 9P
30V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com