Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4704 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4704
Description  Fully 5A, 4cell Standalone Li-ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4704 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4704 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ACE4704
Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
3
12
NC
No Connection
13
CSP
Positive Input for Charging Current Sensing. This pin and the BAT pin
measure the voltage drop across the sense resistor RCS, to provide the
current signals required.
14
BAT
Battery Voltage Sensing Input and the Negative Input for Charging Current
Sensing. A precision resistor divider sets the regulation voltage on this pin in
constant voltage mode.
15
VCC
External DC Power Supply Input. VCC is also the power supply for internal
circuit. Bypass this pin with a capacitor.
16
DRV
Drive the gate of external P-channel MOSFET.
Typical Application Circuit
ACE4704
Figure 1 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com