Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4704 Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE4704
Description  Fully 5A, 4cell Standalone Li-ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4704 Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE4704 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4704 Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ACE4704
Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
8
The TEMP pin’s pull up current is about 50uA, so the NTC thermistor’s resistance should be 10kΩ at
25℃
, about 3.5kΩ at hot temperature threshold, and about 32kΩ at cold temperature threshold. The NTC
thermistor such as TH11-
3H103F, MF52(10 kΩ), QWX-103 and NCP18XH103F03RB can work well with
ACE4704. The above mentioned part numbers are for reference only, the users can select the right NTC
thermistor part number based on their requirements.
If battery temperature monitoring function is not needed, just connect a 10KΩ resistor from TEMP pin to
GND.
Status Indication
The ACE4704 has 2 open-drain status outputs: CHRG and DONE. CHRG is pulled low when the
charger is in charging status, otherwise CHRG becomes high impedance. DONE is pulled low if the
charger is in charge termination status, otherwise DONE becomes high impedance.
When the battery is not present, the charger charges the output capacitor to the regulation voltage quickly,
then the BAT pin’s voltage decays slowly to recharge threshold because of low leakage current at BAT pin,
which results in a ripple waveform at BAT pin, in the meantime, CHRG pin outputs a pulse to indicate that
the battery’s absence. The pulse’s frequency is around 10Hz when a 10uF output capacitor is used.
The open drain status output that is not used should be tied to ground.
The table 1 lists the two indicator status and its corresponding charging status. It is supposed that red
LED is connected to CHRG pin and green LED is connected to DONE pin.
CHRG Pin
DONE pin
State Description
Low (The red LED on)
High Impedance (the green
LED off)
Charging
High Impedance (the red
LED off)
Low (the green LED on)
Charge termination
Pulse signal
Pulse signal
Battery not connected
High Impedance (the red
LED off)
High Impedance (the green
LED off)
There are three possible state:
 The voltage at the VCC pin below the
UVLO level
 The voltage at the VCC pin below V
BAT
 Abnormal battery
’s temp
Table 1 Indication Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com