Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4710B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4710B
Description  P-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4710B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4710B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4710B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4710B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4710B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4710B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4710B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE4710B
P-Channel Enhancement Mode MOSFET with Schottky Diode
VER 1.2
2
Packaging Type
DFN3*2
Ordering information
ACE4710B XX + H
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
P-channel Enhancement Mode MOSFET
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-20V, VGS=0V
-1
uA
Gate Leakage Current
IGSS
VGS=±8V, VDS=0V
±100
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=-4.5V, ID=-4A
58
96
m
Ω
VGS=-2.5V, ID=-3A
76
118
VGS=-1.8V, ID=-2A
97
236
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=-250µA
-0.5
-0.7
-1.2
V
Turn-On Delay Time
Td(on)
VDD=-6V, RL=6Ω,
RG=6Ω, VGEN=-4.5V,
ID=-1A
20
ns
Turn-On Rise Time
tf
18
Turn-Off Delay Time
td(off)
300
Turn-Off Fall Time
tf
120
Input Capacitance
Ciss
VDS=-6V, VGS=0V
f=1MHz
450
pF
Output Capacitance
Coss
180
Reverse Transfer Capacitance
Crss
90
QN : DFN3*2
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com