Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4710B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4710B
Description  P-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4710B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4710B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4710B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4710B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4710B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4710B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4710B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE4710B
P-Channel Enhancement Mode MOSFET with Schottky Diode
VER 1.2
1
Description
ACE4710B combines a P-Channel enhancement mode power MOSFET which is produced with high cell
density and DMOS trench technology and a low forward voltage schottky diode. This device particularly
suits low voltage applications, especially for battery powered circuits, the tiny and thin outline saves PCB
consumption.
Features
MOSFET
V
DS(V)=-20V
I
D=-4A
R
DS(ON)@-4.5V, 58mΩ (Typ.)
R
DS(ON)@-2.5V, 76mΩ (Typ.)
R
DS(ON)@-1.8V, 97mΩ (Typ.)
Schottky
VR 20V
IF 2A
VF@1A<430mV
Application
Li Battery Charging
High Side DC/DC Converter
High Side Driver for Brushless DC Motor
Power Management in Portable, Battery Powered Devices
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Continuous)
Continuous
ID
-4
A
Pulsed
-25
Schottky Reverse Voltage
VR
20
V
Schottky Continuous Forward Current
IF
2
A
Power Dissipation Derating above TA=25
OC
(Note 1)
PD
1.5
W
Operating and Storage Temperature Range
TJ,TSTG -55 to 150
OC
Note: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inches. The rating is for each chip in the package.


Similar Part No. - ACE4710B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
ACE4703 ACE-ACE4703 Datasheet
871Kb / 15P
Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
More results

Similar Description - ACE4710B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2800B ANPEC-APM2800B Datasheet
224Kb / 11P
N-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801B ANPEC-APM2801B Datasheet
607Kb / 11P
P-Channel Enhancement Mode MOSFET with Schottky Diode
logo
Cystech Electonics Corp...
MSFA0M02X8 CYSTEKEC-MSFA0M02X8 Datasheet
239Kb / 7P
P-Channel Logic Level Enhancement Mode MOSFET with Schottky Diode
logo
Diodes Incorporated
DMG4712SSS DIODES-DMG4712SSS Datasheet
159Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32040 Rev. 5 - 2
DMS3014SSS DIODES-DMS3014SSS Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32265 Rev. 3 - 2
logo
SeCoS Halbleitertechnol...
SSY5829P SECOS-SSY5829P Datasheet
656Kb / 4P
P-Channel Enhancement MOSFET With Schottky Diode
logo
Diodes Incorporated
DMS2085LSD DIODES-DMS2085LSD_15 Datasheet
308Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
Rev 2
DMS2095LFDB DIODES-DMS2095LFDB_15 Datasheet
312Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
Rev 3
DMS3016SSSA DIODES-DMS3016SSSA_15 Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Rev 1
logo
TECH PUBLIC Electronics...
TPM2P106PS8 TECHPUBLIC-TPM2P106PS8 Datasheet
2Mb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com