Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT31 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT31
Description  a compact crystal resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT31 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT31_12 Datasheet HTML 1Page - Advanced Crystal Technology ACT31_12 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Example :
EO
0 8 0 0
I
K
F
L
- PF
(ACT31)
(8MHz )
(±30ppm)
(±30ppm)
(-10+70)
(Loose )
(RoHS)
E
10
G
20
F
Fundamental
I
30
Std
- PF
L
50
F
-10+70
Std
KO
10
MO
11
OO
12
Package
ZO
14
L = Loose
Std
PO
15
RO
16
Typical
F
10
TO
18
G
15
VO
20
I
20
AA
24
J
25
BA
25
K
30
Std
DA
30
O
50
NOTES :
1)
2)
ISO9001 Registered
For quotations or further information please contact us at:
Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Ki
http:www.actcrystals.com
ACT are always happy to consider truly custom specification parts which may require non-standard
specification parameters, specific testing, customer requested AQL requirements, non standard
packaging or taping and reeling and custom marking. Such devices would normally be allocated a
custom specification ACT31device may have a part number such asEO0800C- C1561-PF)
Other Tolerances, CL's and other Operating Temperature Ranges may be available.
As each of these specification parameters impact on each other, it is not always possible to combine all options in one
device. Therefore, if a specification not catered for above is required, please contact us directly for the relevant part
number code(s).
NB:
It is important to
suffix the above
P/No with the full
frequency required
to give a complete
P/No as illustrated
below
Full Example Part Number
EO0800IKFROFL-PF 8.00MHz
0983 = 9.8304MHz
Stability Over
Operating
Temperature (ºC)
1000 = 10.000MHz
Load
Capacitance
( pF or Series
Resonance)
Mode
RoHS
Comp'
Examples
Tolerance (±pm)
@ 25ºC
Frequency
To 99.9999MHz
1st
four digits of
Frequency
&
>99.9999MHz 1st five
Digits of Frequency
Operating
Temperature
Range (ºC)
ACT31 Device series code is EO
RO
F
(16.0pF)
Fund'
Issue : 4 C1b
Date : 31-5-12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com