Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT31 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT31
Description  a compact crystal resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT31 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT31_12 Datasheet HTML 1Page - Advanced Crystal Technology ACT31_12 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
DC100V±15V
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
120
 max
100
 max
80
 max
Please specify
fo 9~10MHz
fo 4.0~4.999MHz
fo 5~5.999MHz
fo 6~6.999MHz
fo 7~8.999MHz
60
 max
ACT31
Specification
Specification
Symbol
Parameter
The ACT31 is a compact crystal resonator offering high vibration and shock resistance
together with high stability. It is most suitable for portable equipment and close packing
density. The device is offered with frequencies between 3.5 and 4.0MHz.
Frequency
Frequency Tolerance @25°C
Frequency Stability
3.579545-10MHz
±10~50ppm (TYP ±30ppm)
±10~50ppm (TYP ±30ppm)
fo
f/fo
f/fo
Temp Operating Range
Temp Storage Range
Equivalent Series Resistance
Shunt Capacitance
Load Capacitance
Drive Level
Insulation Resistance
Aging
Topr
Tstg
ESR
C0
-40 ~ +85°C
Fa
±5ppm max
CL
10~100
 W ( 30W typ)
200
 max
5.0pF typical
150
 max
DL
IR
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Tolerance, Operating Temperature Range & Load Capacitance
Condition
Please specify
fo 3.579545~3.999MHz
Please specify
500M
 Min
16.0pF (Others available.)
@ 25°C ±3°C 1
st year
-10 ~ +70°C
Issue : 4 C1b
Date : 31-5-2012
SOLDERING of CYLINDER CRYSTALS
Lead wire should be soldered within 5 seconds with the iron having a tip temperature of less than 270°C. Case
must not exceed 150°C
With regard to wave soldering it is recommended that the process is carried out with the crystal unit set upright on
the circuit board. Should the process be carried out with the crystal unit on its side then steps must be taken to
prevent heat transfer through the can.
Should the whole crystal unit be heated (in a re-flow oven for example) it will result in amarked deterioration of the
performance or even failure to oscillate. This is due to the internal construction of the crystal unit which involves
the use of solder.
Lead Surface
Material
+Cu, +Sn


Similar Part No. - ACT31_12

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT31SMX ACT-ACT31SMX Datasheet
114Kb / 1P
a compact SMD crystal resonator
09/05/07
More results

Similar Description - ACT31_12

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT31 ACT-ACT31 Datasheet
54Kb / 1P
a compact crystal resonator
07/09/04
ACT31SMX ACT-ACT31SMX Datasheet
114Kb / 1P
a compact SMD crystal resonator
09/05/07
logo
Shoulder Electronics Li...
TF26 SHOULDER-TF26 Datasheet
181Kb / 2P
CRYSTAL RESONATOR
49S SHOULDER-49S Datasheet
175Kb / 3P
CRYSTAL RESONATOR
ZM206 SHOULDER-ZM206 Datasheet
170Kb / 4P
CRYSTAL RESONATOR
ZM309 SHOULDER-ZM309 Datasheet
82Kb / 4P
CRYSTAL RESONATOR
SMD0503 SHOULDER-SMD0503 Datasheet
217Kb / 5P
CRYSTAL RESONATOR
49S-SMD SHOULDER-49S-SMD Datasheet
89Kb / 3P
CRYSTAL RESONATOR
logo
AEL Crystals Ltd
HC51U AEL-HC51U Datasheet
58Kb / 1P
Crystal Resonator
logo
Advanced Crystal Techno...
ACT39-38A ACT-ACT39-38A Datasheet
58Kb / 2P
a compact crystal resonator
07/09/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com