Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT200A Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT200A
Description  miniature SMD Watch Crystal with excellent low power consumption
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT200A Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT200A_13 Datasheet HTML 1Page - Advanced Crystal Technology ACT200A_13 Datasheet HTML 2Page - Advanced Crystal Technology ACT200A_13 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Example :
EK
0 0 0 0 3
G
I
- PF
(ACT200A)
(32.768kHz )
(±20ppm)
(-40+85)
(RoHS)
Package
L = Loose
D = 3K Reel
- PF
N
6
H
12.5
Code
A
G
( Std )
I
-40+85
NOTES :
1)
2)
3) Stability Over Operating Temperature (ºC) please refer to the data.
Issue 3 E2
Date 31-05-2012
Frequency
To 999.9999kHz
1st five digits of
Frequency ( See
available frequency
range on data sheet.
)
Load
Capacitance
(
pF or Series
Resonance)
RoHS
Comp'
Example
ACT WATCH CRYSTALS ( 32.768kHz ) - PART NUMBERING & COMMODITY CODE
H
D
(12.5pF)
(3K Reel )
NB:
It is important to suffix
the above part number
with the full frequency
required to give a
completed part number
as illustrated below
00003 = 32.768kHz
( Only 32.768kHz )
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
Other Tolerances, CL's and other Operating Temperature Ranges may be available.
Operating
Temperature
Range (ºC)
Full Example Part Number
EK0003GIHD-PF
32.768kHz
Commodity Code
854160 00 00
http:www.actcrystals.com
ISO9001 Registered
ACT are always happy to consider truly custom specification parts which may require non-standard specification parameters,
specific testing, customer requested AQL requirements, non standard packaging or taping and reeling and custom marking. (
MOQ DEPENDENT ) Such devices would normally be allocated a custom specification ( An ACT200A device may have a part
number such as EK00003C- C1101-PF)
Tolerance (±pm)
@ 25ºC
±ppm
5
20
For quotations or further information please contact us at:
Device Series
Code
200A = EK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com