Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT200A Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT200A
Description  miniature SMD Watch Crystal with excellent low power consumption
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT200A Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT200A_13 Datasheet HTML 1Page - Advanced Crystal Technology ACT200A_13 Datasheet HTML 2Page - Advanced Crystal Technology ACT200A_13 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
ACT200A - Prefered Product.
Parameter
Symbol
Specification
Condition
Nominal Frequency
fo
32.768KHz
Frequency Tolerance
∆f/fo
±20ppm ( ±5ppm option)
@25°C
Frequency v Temp Characteristics
∆f/fo
See drawing
-10 ~ +60°C
Turnover Temperature
Tm
25°C ±5°C
Freq. Temp. coefficient
β
-0.04 ppm/°C²
Temp Operating Range
Topr
-40 ~ +85°C
Temp Storage Range
Tstg
-55 ~ +125°C
Equivalent Series Resistance
ESR
50K
Ω max
@25°C
Shunt Capacitance
Co
0.9pF Typical
Load Capacitance
CL
Please specify
Motional Capacitance
C1
1.8fF Typical
Capacitance Ratio
γ
450 Typical
Drive Level
DL
1
µW max
Insulation Resistance
IR
500M
Ω min
@ DC 100V ±15V
Aging (first year)
Fa
±3ppm max
25°C ±3°C
Issue 3 E2
Date 31-05-2012
http://www.actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
ISO9001:2000 Registered
For quotations or further information please contact us at:
Customer to specify: Load Capacitance
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Specification
12.5pF & 6.0pF
The ACT200A is a miniature SMD Watch Crystal with excellent low power consumption, making it ideal for
portable applications. Its small footprint makes it suitable for high density circuit boards and applications where
PCB space is limited. The tape and reel packaging means that it is ideal for automatic placement machines
(loose product is also available).
The heart of the device is a heat resistant precision tuning fork, cylinder type, crystal which provides for good
stability characteristics, sufficient to allow reflow soldering.
Applications include: Clock, Sub Clock, Small Communications Devices, Microcomputer etc.
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Do not connect ~2 and ~3 to
external device.
Metal may be exposed on the
top or bottom surface of this
product. This will not effect any
quality, reliability or electrical
specifications.


Similar Part No. - ACT200A_13

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT200A ACT-ACT200A Datasheet
211Kb / 2P
miniature SMD Watch Crystal with excellent low power consumption,
20-12-06
More results

Similar Description - ACT200A_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT38P VISHAY-XT38P Datasheet
111Kb / 1P
Miniature SMD Watch Crystal
17-Jun-05
logo
List of Unclassifed Man...
AWS2 ETC2-AWS2 Datasheet
56Kb / 1P
32.768kHz SMD Watch Crystal
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal whose low power
logo
Advanced Crystal Techno...
ACT90 ACT-ACT90 Datasheet
290Kb / 4P
miniature surface mount Watch Crystal
16/06/05
ACT200 ACT-ACT200 Datasheet
270Kb / 2P
ultra miniature surface mount Watch Crystal with a low power consumption making it ideal for
30-06-06
ACT200A ACT-ACT200A Datasheet
211Kb / 2P
miniature SMD Watch Crystal with excellent low power consumption,
20-12-06
ACT201 ACT-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal
17/08/04
logo
Fox Electronics
FST327 FOX-FST327 Datasheet
190Kb / 1P
MINIATURE SMD TUNING FORK WATCH CRYSTAL
logo
Golledge Electronics Lt...
GSX-315 GOLLEDGE-GSX-315_18 Datasheet
593Kb / 5P
Miniature SM 32.768kHz Watch Crystal
logo
Ningbo songle relay co....
SLB SONGLERELAY-SLB Datasheet
5Mb / 3P
Low coil power consumption with excellent performance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com