Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT711S Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACT711S
Description  ultra thin, plastic moulded package with a maximum height of 1.4 mm.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT711S Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACT711S_13 Datasheet HTML 1Page - Advanced Crystal Technology ACT711S_13 Datasheet HTML 2Page - Advanced Crystal Technology ACT711S_13 Datasheet HTML 3Page - Advanced Crystal Technology ACT711S_13 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Example :
SE
0 0 0 0 3
G
I
- PF
(ACT711S)
(32.7680kHz )
(±20ppm)
(-40+85)
(RoHS)
Package
L = Loose
D = 3K Reel
- PF
M
7
H
12.5
Code
G
N
P
I
-40+85
NOTES :
1)
2)
3) Stability Over Operating Temperature (ºC) please refer to the data.
Issue: 11 I3
Date: 13-02-2013
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
http:www.actcrystals.com
Tolerance (±pm)
@ 25ºC
±ppm
20
50
100
Commodity Code
854160 00 00
ISO9001 Registered
Operating
Temperature
Range (ºC)
Full Example Part Number
SE0003GIHD-PF
32.768kHz
Other Tolerances, CL's and other Operating Temperature Ranges may be available.
As each of these specification parameters impact on each other, it is not always possible to combine all options in one device. Therefore, if a
specification not catered for above is required, please contact us directly for the relevant part number code(s).
ACT are always happy to consider truly custom specification parts which may require non-standard specification parameters,
specific testing, customer requested AQL requirements, non standard packaging or taping and reeling and custom marking. ( MOQ
DEPENDENT ) Such devices would normally be allocated a custom specification ( An ACT711S device may have a part number
such as SE00003C- C1101-PF)
NB:
It is important to suffix
the above part number
with the full frequency
required to give a
completed part number
as illustrated below
00003 = 32.768kHz
( Only 32.768kHz )
Example
ACT711S WATCH CRYSTAL ( 32.768kHz ) - PART NUMBERING & COMMODITY CODE
H
D
(12.5pF)
(3K Reel )
Frequency
To 999.9999kHz
1st five digits of
Frequency ( See
available frequency
range on data sheet.
)
Load Capacitance
( pF or Series
Resonance)
RoHS
Comp'
Device Series
Code
711S = SE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com