Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT711S Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT711S
Description  ultra thin, plastic moulded package with a maximum height of 1.4 mm.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT711S Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT711S_13 Datasheet HTML 1Page - Advanced Crystal Technology ACT711S_13 Datasheet HTML 2Page - Advanced Crystal Technology ACT711S_13 Datasheet HTML 3Page - Advanced Crystal Technology ACT711S_13 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue: 11 I3
Date: 13-02-2013
The surface of the Cylinder crystal, within this device, may sometimes be exposed through the surface of the
moulded resin body; this in no way affects the operation or characteristics of the device.
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
Customer to specify: Frequency Tolerance, Load capacitance
DL max
Tstg
Topr
K
TC
Please See Drawing
+25°C ±5°C
Please specify
Symbol
65K
Ω max
(-3.5±1.0) x 10
-8/°C²
-55 ~ +125°C
32.768KHz
±3ppm max 25°C ±3°C, First Year
1.0
µW ( 0.1µW Recommended )
Tsol
Fa
Aging
Reflow Profile
260°C max x 5 secs x 2 times (max IR reflow)
Please specify
12.5pF (7.0pF option)
0.8pF typical
CL
C0
ESR
Load Capacitance
Shunt Capacitance
Temp Storage Range
fo
Frequency Range
Frequency Tolerance
Frequency v Temperature @25°C
Turnover Temperature
Equivalent Series Resistance
-40 ~+85°C
The ACT711S is an ultra thin, plastic moulded package with a maximum height of 1.4 mm. The
package contains a highly reliable cylinder type quartz crystal and is ideally suitable for automatic
insertion, especially where PCB component mounting space is at a premium.
Applications include Wireless Communications Equipment, Pagers, PDAs, Cellular Phones, Portable
applications, and a variety of clock sources.
Temp Operating Range
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Temp. Coefficient
Tp
∆f/fo
Please note that all parameters can not necessarily be specified in the same device
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Drive Level
ACT711S
Specification
±20ppm, ±50ppm, ±100ppm
Specification
Parameter
Pad Plating Material SnBi


Similar Part No. - ACT711S_13

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT711S ACT-ACT711S Datasheet
168Kb / 4P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
14/09/05
More results

Similar Description - ACT711S_13

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
ETCSP AMKOR-ETCSP Datasheet
148Kb / 2P
the first ball grid array capable of an extremely thin 0.5 mm maximum mounted height.
logo
Advanced Crystal Techno...
ACT132SMX ACT-ACT132SMX Datasheet
283Kb / 4P
a low height, plastic moulded package incorporating a cylinder type crystal.
26/7/0
ACT711S ACT-ACT711S Datasheet
168Kb / 4P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
14/09/05
logo
AEL Crystals Ltd
CM200 AEL-CM200 Datasheet
137Kb / 1P
Plastic Moulded Watch Crystals
SXA-86SMX AEL-SXA-86SMX Datasheet
142Kb / 1P
Plastic Moulded Crystal
logo
ILSI America LLC
IL3R ILSI-IL3R Datasheet
46Kb / 2P
4 Pad Plastic Package, 1.4 mm x 7 mm
logo
Advanced Crystal Techno...
ACT711E ACT-ACT711E Datasheet
276Kb / 2P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
05-08-2010
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
Dialog Semiconductor
SLG59M1493Z DIALOG-SLG59M1493Z Datasheet
193Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge in Lo-ZTM Ultra-thin Package
logo
Rohm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
Thin, ultra-compact package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com