Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT_HC49_US_STANDARD Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT_HC49_US_STANDARD
Description  family of competitively priced, resistance welded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT_HC49_US_STANDARD Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT_HC49_US_STANDARD Datasheet HTML 1Page - Advanced Crystal Technology ACT_HC49_US_STANDARD Datasheet HTML 2Page - Advanced Crystal Technology ACT_HC49_US_STANDARD Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Example :
JO
1 2 0 0
I
K
G
L
- PF
(HC49/US)
(12.000MHz )
(±30ppm)
(±30ppm)
(-20+70)
(Loose )
(RoHS)
A
5
E
10
A
3rd O/T
Std
F
15
F
Fundamental
- PF
G
20
E
-10+60
GO
8
I
30
Std
G
-20+70
Std
JO
9
L
50
M
-40+85
KO
10
MO
11
Packaging
OO
12
L = Loose
Std
ZO
14
C =1K T&R
Note 5
PO
15
Y = 1K Ammo
Note 5
F
10
RO
16
G
15
TO
18
I
20
VO
20
J
25
AA
24
K
30
Std
BA
25
O
50
DA
30
FA
33
JA
50
SR
SR
Table 2
NOTES :
1)
2)
3)
4)
Table 2 above shows the range of available stabilities Vs Operating temperatures.
5)
Not recommended for new builds
Issue :9 SCB
Date: 20-03-2013
ISO9001 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
http:www.actcrystals.com
Tighter Tolerances and Stabilities, other Operating Temperature Ranges and CL's may be available as semi custom
devices.
As each of these specification parameters impact on each other, it is not always possible to combine all options in
one device. Therefore, if a specification not catered for above is required, please contact us directly for the relevant
part number code(s).
Frequencies below 10.000MHz are prefixed with a "0" (eg: 0800MHz = 8MHz.Whereas 10.000MHz is 1000 )
ACT are always happy to consider truly custom specification parts which may require non-standard specification
parameters, specific testing, customer requested AQL requirements, non standard packaging or taping and reeling
and custom marking. Such devices would normally be allocated a custom specification part number which is wholly
customer specific. ( MOQ Dependent )
( EG : A 12.00MHz custom ACTHC49/US device may have a part number such as JO1200C- C1464-PF)
It is important to suffix
the above P/No with
the full frequency
required to give a
complete P/No as
illustrated below
Full Example Part Number
JO1200IKGROFL-PF
12.00MHz
0983 = 9.8304MHz
1200 = 12.000MHz
Stability Over
Operating
Temperature (ºC)
9999 = 99.9999MHz
10000 = 100.00MHz
Examples
Frequency
Tolerance (±pm)
@ 25ºC
To 99.9999MHz 1st
four digits of
Frequency
&
>99.9999MHz 1st
five digits of
Frequency
Operating
Temperature Range
(ºC)
NB:
SERIES : ACTHC49/US ( Standard ) Device series code JO & BH
RO
F
(16pF)
(Fund')
Load
Capacitance
( pF or Series
R)
Mode
RoHS
Comp'
Device Height
Code
JO = 3.5mm
BH = 2.5mm
Above heights
given are both
œ0.2mm
Cropped leads
and 3 leads
available :
enquire
Frequency Stabilities VS Operating Tem peratures
Commodity code
854160 00 00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com