Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT_HC49_US_STANDARD Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT_HC49_US_STANDARD
Description  family of competitively priced, resistance welded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT_HC49_US_STANDARD Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT_HC49_US_STANDARD Datasheet HTML 1Page - Advanced Crystal Technology ACT_HC49_US_STANDARD Datasheet HTML 2Page - Advanced Crystal Technology ACT_HC49_US_STANDARD Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
100
µW Typ
Some options available - Please specify
Drive Level Dependency
DLD
∆ Freq & ESR
0.01, 0.1, 1, 10, 50, 100 uW steps
TABLE 1
Standard Frequencies
TABLE 2
Issue :9 SCB
Date: 20-03-2013
56.448
50.000
52.416
45.000
46.000
See table 2
CL
Topr
See table 1
7pFmax
4.9152
9.8304
16.000
28.63636
Frequency Tol. @25°C
42.500
Drive Level
Stability over Temp Range
Temp Operating Range
Load Capacitance
60.000
Dependent upon operating temperature
Please specify
500M
Ω min
@25°C
Please specify
@100Vdc
Dependent upon frequency / mode
Tc
IR
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Please specify
ACT HC49/US ( Standard Devices )
Specification
Fundamental & 3rd Overtone
The ACT HC49/US is a family of competitively priced, resistance welded, through hole
crystals featuring high reliability, good stability and a practical range of operating
temperatures. Applications include Computers, Modems, Networking, Telecomms,
Industrial, Consumer Electronics, Instrumentation and many more.
Frequency Range
Parameter
C0
-10~+60°C,-20~+70°C & -40~+85°C
-40 ~ +85°C
DL
±5 ~ ±100ppm
Symbol
3.00 ~ 100.00MHz
fo
∆f/fo
Specification
AT 3rd Overtone
AT 3rd Overtone
Crystal cut /
Temp Storage Range
Equivalent Series Resistance
Shunt Capacitance
Frequency
8 ~ 55pF or Series Resonance
ESR (
Ω)
Insulation Resistance
3.000 ~ 3.500
3.579545 ~ 5.999
300
Aging
6.000 ~ 7.999
8.000 ~ 15.999
30.000 ~ 49.999
50.000 ~ 100.000
AT Fundamental
Condition
BT Fundamental
AT 3rd Overtone
AT Fundamental
ESR (
Ω)
±5ppm per year max
Crystal cut /
Frequency
Tstg
ESR
Please specify
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
30
AT Fundamental
24.000 ~ 40.320
24.000 ~ 29.999
http://www.actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
ISO9001:2000 Registered
50
60
150
60
100
80
AT Fundamental
Fa
33.868
(MHz)
max
Mode
(MHz)
max
Mode
Frequency Stabilities VS Operating Temperatures
######## 29.000
20.0000
33.333
3.579545
7.3728
11.2896
22.1184
35.2512
4.000
8.000
12.288
24.576
36.000
3.686400
7.680
12.000
24.000
40.000
4.096
8.604
14.31818 26.800
40.320
4.032
8.192
12.800
25.000
40.960
4.433619
9.600
15.000
28.000
42.000
4.194304
8.6436
14.7456
27.000
5.0688
10.240
16.384
29.4912
5.000
10.000
6.000
10.244
16.660
30.000
6.144
10.245
18.000
32.256
6.176
10.592
18.432
32.768
20.00014 33.868
19.6608
33.000
6.5539
10.752
7.15909
11.0592
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature Range, Load Capacitance
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
16.000 ~ 30.000
30
AT Fundamental
66.666667
6.750
11.000
Lead Finish
Sn/Ag


Similar Part No. - ACT_HC49_US_STANDARD

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
one of the most cost effective and popular surface mount crystals available.
29/06/11
ACT_HC49_US_SMX_EG&E ACT-ACT_HC49_US_SMX_EG&E Datasheet
354Kb / 3P
range of low profile, SMD crystals featuring good reliability and aging
03-04-2013
More results

Similar Description - ACT_HC49_US_STANDARD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT49U VISHAY-XT49U Datasheet
30Kb / 1P
Resistance Welded Holder Type Crystal Unit
16-Apr-03
logo
Vectron International, ...
VXE1 VECTRON-VXE1 Datasheet
61Kb / 2P
VXE1 Resistance Welded Crystal
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1 Datasheet
91Kb / 3P
Resistance Welded Miniature Crystal Units
18-Oct-07
logo
RSG Electronic Componen...
HC-49U RSG-HC-49U Datasheet
145Kb / 1P
RESISTANCE WELDED HOLDER TYPE CRYSTAL UNITS
UM-1 RSG-UM-1 Datasheet
73Kb / 1P
RESISTANCE WELDED MINIATURE CRYSTAL UNITS
logo
Dubilier
DXT4910.000A20XXXX DUBILIER-DXT4910.000A20XXXX Datasheet
72Kb / 1P
CRYSTALS RESISTANCE WELDED HOLDER DXT49
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_10 Datasheet
70Kb / 3P
Resistance Welded Miniature Crystal Units
09-Mar-10
logo
Dubilier
DXT49 DUBILIER-DXT49 Datasheet
175Kb / 1P
RESISTANCE WELDED HOLDER
logo
TXC Corporation.
9B-SERIES TXC-9B-SERIES Datasheet
1,000Kb / 1P
Resistance welded type crystal units.
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_V01 Datasheet
74Kb / 3P
Resistance Welded Miniature Crystal Units
09-Mar-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com