Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60T03AS Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP60T03AS
Description  Simple Drive Requirement Low Gate Charge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP60T03AS Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP60T03AS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP60T03AS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP60T03AS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP60T03AS Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Circuit
Fig 12. Gate Charge Circuit
AP60T03AS/P
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty Factor = 0.5
Single Pulse
0
3
6
9
12
0
6
12
18
24
Q G , Total Gate Charge (nC)
I D =20A
V DS =16V
V DS =20V
V DS =24V
10
100
1000
10000
1
8
15
22
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
Ciss
Coss
Crss
0.5 x RATED VDS
TO THE
OSCILLOSCOPE
-
+
10V
D
G
S
VDS
VGS
RG
RD
0.8 x RATED VDS
TO THE
OSCILLOSCOPE
-
+
D
G
S
VDS
VGS
ID
IG
1~ 3 mA
1
10
100
1000
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com