Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60T03AS Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP60T03AS
Description  Simple Drive Requirement Low Gate Charge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP60T03AS Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP60T03AS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP60T03AS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP60T03AS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP60T03AS Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP60T03AS/P
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
30
60
90
0.0
1.0
2.0
3.0
4.0
5.0
V DS , Drain-to-Source Voltage (V)
T C =175
o C
10V
8.0V
6.0V
5.0V
V GS =4.0V
0
25
50
75
100
125
0.0
1.0
2.0
3.0
4.0
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
8.0V
6.0V
5.0V
V GS =4.0V
0.4
0.8
1.2
1.6
2
-50
25
100
175
T j , Junction Temperature (
o C)
I D =20A
V GS =10V
0
20
40
60
80
35
79
11
V GS , Gate-to-Source Voltage (V)
I D =20A
T C =25 ℃
℃
℃
℃
0.1
1
10
100
0
0.5
1
1.5
V SD (V) , Source-to-Drain Voltage (V)
Tj=25
o C
Tj=175
o C
0.3
0.8
1.3
1.8
2.3
2.8
-50
25
100
175
T j , Junction Temperature (
o C )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com