Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC911 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC911
Description  LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC911 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC911 Datasheet HTML 1Page - Motorola, Inc MPC911 Datasheet HTML 2Page - Motorola, Inc MPC911 Datasheet HTML 3Page - Motorola, Inc MPC911 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPC911
TIMING SOLUTIONS
BR1333 — REV 5
3
MOTOROLA
AC CHARACTERISTICS
0
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
tPLH
tPHL
Propagation Delay to Output
HSTL
IN (differential)
PECL
1.4
1.3
2.0
1.9
2.3
2.0
1.6
1.4
1.9
1.9
2.4
2.1
1.8
1.5
2.3
2.0
2.6
2.3
ns
Note 1
tskew
Within-Device Skew
Part-to-Part Skew (Diff)
250
900
250
800
250
800
ps
Note 2
VPP
Minimum Input Swing
PECL_CLK
600
600
600
mV
Note 3
VCMR
Common Mode Range
PECL_CLK
VCC
–1.5
VCC
–0.8
VCC
–1.5
VCC
–0.8
VCC
–1.5
VCC
–0.8
V
Note 4
tr/tf
Output Rise/Fall Time
500
600
800
1200
1200
1800
500
600
800
1200
1200
1800
500
600
800
1200
1200
1800
ps
20%–80%
1. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
2. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.
3. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited
for the MPC911 as a differential input as low as 50 mV will still produce full HSTL levels at the output.
4. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level
must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com