Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC911 Datasheet (PDF) - Motorola, Inc

MPC911 Datasheet PDF - Motorola, Inc
Part # MPC911
Download  MPC911 Download
File Size   74.68 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER

MPC911 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC911 Datasheet PDF - Motorola, Inc

Part # MPC911
Download  MPC911 Click to download

File Size   74.68 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER

MPC911 Datasheet (HTML) - Motorola, Inc


MPC911 Product details

Low-Voltage 1:9 Differential ECL/HSTL to HSTL Clock Driver



The MPC9111 is a low skew 1–to–9 differential HSTL compatible output fanout buffer. The device is functionally equivalent to the MC100LVE111 device. The device accepts either LVPECL or HSTL compatible input levels and provides 9 low skew differential HSTL compatible outputs. The device operates from a single 3.3V VCC supply.



• 800ps Part–to–Part Skew

• 250ps Output–to–Output Skew

• Open Emitter HSTL Compatible Outputs

• Differential Design

• 28–Lead PLCC

• 3.3V VCC



The MPC911 HSTL outputs are not realized in the conventional manner. To minimize part–to–part and output–to–output skew the HSTL compatible output levels are generated with an open emitter architecture. The outputs are pulled down with 50Ω to ground rather than the typical 50Ω to VDDQ pullup of a “standard” HSTL output. Because the HSTL outputs are pulled to ground the MPC911 does not utilize the VDDQ supply of the HSTL standard. The output levels are derived from VCC, an internal regulator minimizes the output level variation with VCC variations.



 




Similar Part No. - MPC911

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
MPC9108 MOTOROLA-MPC9108 Datasheet
67Kb / 4P
MULTIPLE OUTPUT CLOCK SYNTHESIZER
MPC9109 MOTOROLA-MPC9109 Datasheet
250Kb / 8P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC9109 IDT-MPC9109 Datasheet
392Kb / 9P
Low Voltage 1:18 Clock Distribution Chip
logo
Motorola, Inc
MPC9120 MOTOROLA-MPC9120 Datasheet
93Kb / 6P
1:10 LVCMOS FANOUT BUFFER
More results


Similar Description - MPC911

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
Agere Systems
LCK4801 AGERE-LCK4801 Datasheet
160Kb / 10P
Low-Voltage HSTL Differential Clock
July 2001
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
logo
ON Semiconductor
MC100EP809 ONSEMI-MC100EP809_06 Datasheet
137Kb / 9P
3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com