Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9120 Datasheet (PDF) - Motorola, Inc

MPC9120 Datasheet PDF - Motorola, Inc
Part # MPC9120
Download  MPC9120 Download
File Size   93.35 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1:10 LVCMOS FANOUT BUFFER

MPC9120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9120 Datasheet PDF - Motorola, Inc

Part # MPC9120
Download  MPC9120 Click to download

File Size   93.35 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1:10 LVCMOS FANOUT BUFFER

MPC9120 Datasheet (HTML) - Motorola, Inc


MPC9120 Product details

The MPC9120 is a 1:10 LVCMOS fanout buffer targeted to support Intel based Pentium II microprocessor chip sets. The device features 10 low skew outputs optimized to drive the clock inputs of standard unbuffered SO–DIMM SDRAM modules. Standard unbuffered SO–DIMM SDRAM modules require two clocks per module allowing for the device to drive up to four modules. The output buffers have been optimized to drive the load presented by the SDRAM module.

• Supports Intel Pentium™ and Pentium II Processor Architectures
• 10 Skew Controlled 3.3V Compatible SDRAM Clocks
• I2C Serial Bus Interface
• Extensive Output Enable Control Capability
• Space Efficient 28–Lead SSOP Package
• Operating Temperature Range of 0°C to 70°C
• 3.3V ± 5% Power Supply




Similar Part No. - MPC9120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
MPC9108 MOTOROLA-MPC9108 Datasheet
67Kb / 4P
MULTIPLE OUTPUT CLOCK SYNTHESIZER
MPC9109 MOTOROLA-MPC9109 Datasheet
250Kb / 8P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC9109 IDT-MPC9109 Datasheet
392Kb / 9P
Low Voltage 1:18 Clock Distribution Chip
logo
Motorola, Inc
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
More results


Similar Description - MPC9120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9140 MOTOROLA-MPC9140 Datasheet
105Kb / 6P
1:18 LVCMOS FANOUT BUFFER
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C Datasheet
116Kb / 13P
1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
NB3F8L3010C ONSEMI-NB3F8L3010C Datasheet
117Kb / 13P
3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
NB3F8L3005C ONSEMI-NB3F8L3005C_15 Datasheet
118Kb / 13P
2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
NB3F8L3010C ONSEMI-NB3F8L3010C_16 Datasheet
113Kb / 13P
3:1:10 LVCMOS Fanout Buffer
May, 2016 ??Rev. 7
logo
Integrated Device Techn...
83905I IDT-83905I Datasheet
498Kb / 21P
LVCMOS/ LVTTL Fanout Buffer
8302 IDT-8302 Datasheet
102Kb / 10P
LVCMOS / LVTTL Fanout Buffer
87946I-147 IDT-87946I-147 Datasheet
211Kb / 14P
1-to-10 Low Skew, LVCMOS/LVTTL Fanout Buffer
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com