Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9109 Datasheet (PDF) - Integrated Device Technology

MPC9109 Datasheet PDF - Integrated Device Technology
Part # MPC9109
Download  MPC9109 Download
File Size   392.97 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low Voltage 1:18 Clock Distribution Chip

MPC9109 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9109 Datasheet PDF - Integrated Device Technology

Part # MPC9109
Download  MPC9109 Click to download

File Size   392.97 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low Voltage 1:18 Clock Distribution Chip

MPC9109 Datasheet (HTML) - Integrated Device Technology


MPC9109 Product details

The MPC9109 is a 1:18 low voltage clock distribution chip with 2.5 V or 3.3 V LVCMOS output capabilities. The device features the capability to select either a differential LVPECL or an LVCMOS compatible input. The 18 outputs are 2.5 V or 3.3 V LVCMOS compatible and feature the drive strength to drive 50 Ω series or parallel terminated transmissionlines. With output-to-output skews of 200 ps, the MPC9109 is ideal as a clock distribution chip for the most demanding of synchronous systems. The 2.5 V outputs also make the device ideal for supplying clocks for a high performance Pentium II™microprocessor based design. For a higher performance version of the 9109 refer to the MPC940L data sheet.



Features

LVPECL or LVCMOS clock input

2.5 V LVCMOS outputs for Pentium II microprocessor support

200 ps maximum output-to-output skew @ 3.3 V output

Maximum output frequency of 250 MHz @ 3.3 V core

32-lead QFP packaging

Dual or single supply device:

  Dual VCCsupply voltage, 3.3 V core and 2.5 V output

  Single 3.3 V VCC supply voltage for 3.3 V outputs

  Single 2.5 V VCC supply voltage for 2.5 V I/O




Similar Part No. - MPC9109

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9109 MOTOROLA-MPC9109 Datasheet
250Kb / 8P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
More results


Similar Description - MPC9109

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com