Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9140 Datasheet (PDF) - Motorola, Inc

MPC9140 Datasheet PDF - Motorola, Inc
Part # MPC9140
Download  MPC9140 Download
File Size   105.11 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1:18 LVCMOS FANOUT BUFFER

MPC9140 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9140 Datasheet PDF - Motorola, Inc

Part # MPC9140
Download  MPC9140 Click to download

File Size   105.11 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1:18 LVCMOS FANOUT BUFFER

MPC9140 Datasheet (HTML) - Motorola, Inc


MPC9140 Product details

1:18 LVCMOS Fanout Buffer

The MPC9140 is a 1:18 LVCMOS fanout buffer targeted to support Intel based Pentium II™ microprocessor chip sets. The device features 18 low skew outputs optimized to drive the clock inputs of standard unbuffered SDRAM modules. Standard unbuffered SDRAM modules require four clocks per module allowing for the device to drive up to four modules. The output buffers have been optimized to drive the load presented by the SDRAM module.
The MPC9140 provides output shut off capabilities via an I2C serial port for applications which plan to use fewer than four modules and desire to minimize the power dissipation of the chip. Every output clock can be individually enabled/disabled through fields in the I2C control registers. After power up the default state is all outputs enabled. In applications where this default state is acceptable the I2C ports need not be exercised.

• Supports Intel Pentium™ and Pentium II Processor Architectures
• 18 Skew Controlled 3.3V Compatible SDRAM Clocks
• I2C Serial Bus Interface
• Extensive Output Enable Control Capability
• Space Efficient 48–Lead SSOP Package
• Operating Temperature Range of 0°C to 70°C
• 3.3V ± 5% Power Supply




Similar Part No. - MPC9140

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
MPC9108 MOTOROLA-MPC9108 Datasheet
67Kb / 4P
MULTIPLE OUTPUT CLOCK SYNTHESIZER
MPC9109 MOTOROLA-MPC9109 Datasheet
250Kb / 8P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC9109 IDT-MPC9109 Datasheet
392Kb / 9P
Low Voltage 1:18 Clock Distribution Chip
logo
Motorola, Inc
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
More results


Similar Description - MPC9140

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9120 MOTOROLA-MPC9120 Datasheet
93Kb / 6P
1:10 LVCMOS FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS83940-01 ICST-ICS83940-01 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A AUGUST 6, 2001
ICS83940 ICST-ICS83940 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. B JULY 31, 2001
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C Datasheet
116Kb / 13P
1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
NB3F8L3010C ONSEMI-NB3F8L3010C Datasheet
117Kb / 13P
3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
NB3F8L3005C ONSEMI-NB3F8L3005C_15 Datasheet
118Kb / 13P
2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
NB3F8L3010C ONSEMI-NB3F8L3010C_16 Datasheet
113Kb / 13P
3:1:10 LVCMOS Fanout Buffer
May, 2016 ??Rev. 7
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com