Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9108 Datasheet (PDF) - Motorola, Inc

MPC9108 Datasheet PDF - Motorola, Inc
Part # MPC9108
Download  MPC9108 Download
File Size   67.35 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MULTIPLE OUTPUT CLOCK SYNTHESIZER

MPC9108 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9108 Datasheet PDF - Motorola, Inc

Part # MPC9108
Download  MPC9108 Click to download

File Size   67.35 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MULTIPLE OUTPUT CLOCK SYNTHESIZER

MPC9108 Datasheet (HTML) - Motorola, Inc


MPC9108 Product details

Multiple Output Clock Synthesizer

The MPC9108 is a multiple CMOS output clock synthesizer targeted for disk drive applications. The device interfaces to a 20MHz crystal as its frequency source. From this source the device provides a buffered copy of the 20MHz clock as well as synthesized 40MHz and 50MHz output clocks.

• Fully Integrated PLL
• Fully Integrated Crystal Oscillator
• Low cost, low jitter design
• Low cost 8–lead SOIC packaging

In addition to the output clock frequencies, the MPC9108 also offers a lock indicator output. When the internal PLL achieves phase and frequency lock the CLK_LOCK signal will go HIGH. The pin will remain HIGH unless the PLL loses lock due to input clock or power supply disturbances.

The XTALIN pin (pin 1) can be over–driven with a standard 5V CMOS signal. When an externally generated reference is used the XTALOUT pin should be left open.
The MPC9108 operates from a 5.0V supply across the commercial temperature range of 0°C to 70°C. The 8–lead SOIC package is used to optimize board space efficiency as well as minimizing cost.




Similar Part No. - MPC9108

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
MPC9109 MOTOROLA-MPC9109 Datasheet
250Kb / 8P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC9109 IDT-MPC9109 Datasheet
392Kb / 9P
Low Voltage 1:18 Clock Distribution Chip
More results


Similar Description - MPC9108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9486 MAXIM-MAX9486 Datasheet
547Kb / 8P
8kHz Reference Clock Synthesizer with Multiple Outputs at 35.328MHz
Rev 0; 8/04
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
Micrel Semiconductor
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
logo
PulseCore Semiconductor
PCS1P2859A PULSECORE-PCS1P2859A Datasheet
369Kb / 7P
Multi-Output Clock Synthesizer
PCS1P2859A PULSECORE-PCS1P2859A_08 Datasheet
348Kb / 7P
Multi-Output Clock Synthesizer
PCS1P2860A PULSECORE-PCS1P2860A Datasheet
368Kb / 7P
Multi-Output Clock Synthesizer
logo
ON Semiconductor
PCS1P2860A ONSEMI-PCS1P2860A Datasheet
149Kb / 6P
Multi-Output Clock Synthesizer
JANUARY 2010 ??Rev. 1
logo
Micrel Semiconductor
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Integrated Device Techn...
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
1360MHz Dual Output LVPECL Clock Synthesizer
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com