Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V43FS92432 Datasheet (PDF) - Renesas Technology Corp

8V43FS92432 Datasheet PDF - Renesas Technology Corp
Part # 8V43FS92432
Download  8V43FS92432 Download
File Size   594.54 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1360MHz Dual Output LVPECL Clock Synthesizer

8V43FS92432 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V43FS92432 Datasheet PDF - Renesas Technology Corp

Part # 8V43FS92432
Download  8V43FS92432 Click to download

File Size   594.54 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1360MHz Dual Output LVPECL Clock Synthesizer

8V43FS92432 Datasheet (HTML) - Renesas Technology Corp


8V43FS92432 Product details

General Description
The 8V43FS92432 is a 3.3V-compatible, PLL based clock
synthesizer targeted for high performance clock generation in
mid-range to high-performance telecom, networking, and computing
applications. With output frequencies from 21.25MHz to 1360MHz
and the support of two differential PECL output signals, the device
meets the needs of the most demanding clock applications.
The 8V43FS92432 is a programmable high-frequency clock source
(clock synthesizer). The internal PLL generates a high-frequency
output signal based on a low-frequency reference signal. The
frequency of the output signal is programmable and can be changed
on the fly for frequency margining purpose.
The internal crystal oscillator uses the external quartz crystal as the
basis of its frequency reference. Alternatively, a LVCMOS compatible
clock signal can be used as a PLL reference signal. The frequency of
the internal crystal oscillator is divided by a selectable divider and
then multiplied by the PLL. Its output is scaled by a divider that is
configured by either the I2C or parallel interfaces. The crystal
oscillator frequency fXTAL, the PLL pre-divider P, the feedback-divider
M, and the PLL post-divider N determine the output frequency. The
feedback path of the PLL is internal.
The PLL post-divider N is configured through either the I2C or the
parallel interfaces, and can provide one of six division ratios (2, 4, 8,
16, 32, 64). This divider extends the performance of the part while
providing a 50% duty cycle. The high-frequency outputs, QA and QB,
are differential and are capable of driving a pair of transmission lines
terminated 50 to VCC – 2.0 V. The second high-frequency output,
QB, can be configured to run at either 1x or 1/2x of the clock
frequency or the first output (QA). The positive supply voltage for the
internal PLL is separated from the power supply for the core logic
and output drivers to minimize noise induced jitter.
The configuration logic has two sections: I2C and parallel. The
parallel interface uses the values at the M[9:0], NA[2:0], NB, and P
parallel inputs to configure the internal PLL dividers. The parallel
programming interface has priority over the serial I2C interface. The
serial interface is I2C compatible and provides read and write access
to the internal PLL configuration registers. The lock state of the PLL
is indicated by the LVCMOS-compatible LOCK output.

Features
• 21.25MHz to 1360MHz synthesized clock output signal
• Two differential, LVPECL-compatible high-frequency outputs
• Output frequency programmable through 2-wire I2C bus or
parallel interface
• On-chip crystal oscillator for reference frequency generation
• Alternative LVCMOS compatible reference clock input
• Synchronous clock stop functionality for both outputs
• LOCK indicator output (LVCMOS)
• LVCMOS compatible control inputs
• Fully integrated PLL
• 3.3-V power supply
• 48-lead LQFP
• 48-lead Pb-free package available
• SiGe Technology
• Ambient temperature range: –40°C to +85°C




Similar Part No. - 8V43FS92432

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
1360MHz Dual Output LVPECL Clock Synthesizer
8V43FS92432PRGI IDT-8V43FS92432PRGI Datasheet
392Kb / 27P
1360MHz Dual Output LVPECL Clock Synthesizer
8V43FS92432PRGI8 IDT-8V43FS92432PRGI8 Datasheet
392Kb / 27P
1360MHz Dual Output LVPECL Clock Synthesizer
More results


Similar Description - 8V43FS92432

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Freescale Semiconductor...
MPC92433 FREESCALE-MPC92433 Datasheet
412Kb / 20P
1428 MHz Dual Output LVPECL Clock Synthesizer
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
LVPECL Output-Dual Input Clock Generator
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
logo
Exar Corporation
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
Universal Clock - High Frequency LVPECL Clock Synthesizer
logo
Integrated Device Techn...
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
1360MHz Dual Output LVPECL Clock Synthesizer
logo
Renesas Technology Corp
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com