Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC92432 Datasheet (PDF) - Motorola, Inc

MPC92432 Datasheet PDF - Motorola, Inc
Part # MPC92432
Download  MPC92432 Download
File Size   453.4 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1360 MHz Dual Output LVPECL Clock Synthesizer

MPC92432 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC92432 Datasheet PDF - Motorola, Inc

Part # MPC92432
Download  MPC92432 Click to download

File Size   453.4 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1360 MHz Dual Output LVPECL Clock Synthesizer

MPC92432 Datasheet (HTML) - Motorola, Inc


MPC92432 Product details

The MPC92432 is a 3.3V compatible, PLL based clock synthesizer targeted for high performance clock generation in mid-range to high-performance telecom, networking, and computing applications. With output frequencies from 21.25 MHz to 1360 MHz and the support of two differential PECL output signals, the device meets the needs of the most demanding clock applications.

Features
• 21.25 MHz to 1360 MHz synthesized clock output signal
• Two differential, LVPECL-compatible high-frequency outputs
• Output frequency programmable through 2-wire I2C bus or parallel interface
• On-chip crystal oscillator for reference frequency generation
• Alternative LVCMOS compatible reference clock input
• Synchronous clock stop functionality for both outputs
• LOCK indicator output (LVCMOS)
• LVCMOS compatible control inputs
• Fully integrated PLL
• 3.3-V power supply
• 48-lead LQFP
• SiGe Technology
• Ambient temperature range: –40°C to +85°C

Applications
• Programmable clock source for server, computing, and telecommunication systems
• Frequency margining
• Oscillator replacement




Similar Part No. - MPC92432

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
More results


Similar Description - MPC92432

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC92433 FREESCALE-MPC92433 Datasheet
412Kb / 20P
1428 MHz Dual Output LVPECL Clock Synthesizer
MPC9239 FREESCALE-MPC9239 Datasheet
358Kb / 14P
900 MHz Low Voltage LVPECL Clock Synthesizer
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
LVPECL Output-Dual Input Clock Generator
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
1360MHz Dual Output LVPECL Clock Synthesizer
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com