Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8811 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8811
Description  Dissipative table mats include two 3M Snap Fasteners 3034 (installed) and one 3M Wrist Strap Grounding System 3048.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8811 Datasheet(HTML) 1 Page - 3M Electronics

  8811 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UPC# 00051138376451
3M Product Number 8811
3M Product Number 8811-2X4
3M ID 98079825547
3M™ Dissipative Rubber Table Mat, 8811
Dissipative table mats include two 3M Snap Fasteners 3034
(installed) and one 3M Wrist Strap Grounding System 3048.
Be the first of your friends to like this.
Specifications
Color
Blue
Construction
Dual-Layer
Hardness
60 Shore A
Length
4 Linear Foot
Material
Rubber
Performance
Premium
Rubber Composition
Static-dissipative
Size
2 x 4 ft. (0.6 x 1.2 m)
Thickness
0.065 Inch
Width
2 Linear Foot
Overview
© 3M 2012. All Rights Reserved.
3M Defense


Similar Part No. - 8811

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
88111410C WINCHESTER-88111410C Datasheet
311Kb / 2P
REVISED & REDRAWN PER ER8145
88111410D WINCHESTER-88111410D Datasheet
311Kb / 2P
REVISED & REDRAWN PER ER8145
88111410H WINCHESTER-88111410H Datasheet
311Kb / 2P
REVISED & REDRAWN PER ER8145
88111411C WINCHESTER-88111411C Datasheet
311Kb / 2P
REVISED & REDRAWN PER ER8145
88111411D WINCHESTER-88111411D Datasheet
311Kb / 2P
REVISED & REDRAWN PER ER8145
More results

Similar Description - 8811

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
Wrist Strap, Elastic, ESD
6083 POMONA-6083 Datasheet
22Kb / 1P
Metal Wrist Strap, ESD
6084 POMONA-6084 Datasheet
38Kb / 1P
Metal Wrist Strap with Clip and Cord, ESD
6086 POMONA-6086 Datasheet
100Kb / 3P
ESD Wrist Strap Tester
logo
3M Electronics
PS-1003 3M-PS-1003 Datasheet
527Kb / 2P
3M PanelSafeTM Lockout System
2272 3M-2272 Datasheet
126Kb / 1P
3M Wrist Strap - Adjustable Elastic Fabric (Economy Performance)
17-Apr-2009
logo
List of Unclassifed Man...
63060 ETC2-63060 Datasheet
54Kb / 1P
ECONOMY WRIST STRAP WITH 7MM SNAP
logo
Tripp Lite. All Rights ...
P999000 TRIPPLITE-P999000 Datasheet
476Kb / 1P
ESD Anti-Static Wrist Strap Band with Grounding Wire
P999-000 TRIPPLITE-P999-000 Datasheet
159Kb / 2P
ESD Anti-Static Wrist Strap Band with Grounding Wire
logo
3M Electronics
2671A 3M-2671A Datasheet
1Mb / 4P
3M™ Static Dissipative Heat Activated Cover Tape 2671A
August 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com