Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVH201B10H-R24 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LVH201B10H-R24
Description  Sealed Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVH201B10H-R24 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LVH201B10H-R24 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVH201B10H-R24 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVH201B10H-R24 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVH201B10H-R24 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVH201B10H-R24 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVH201B10H-R24 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Sealed Power Inductors - LVH Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(MHz)
Tolerance
(±%)
RDC
(Ω) ±30%
Isat (mA)
Typ. (Max)
Irms (mA)
Typ.
LVH201B10H-R24□-N
0.24
1
20, 30
0.048
3700(3300)
2500
LVH201B10H-R33□-N
0.33
1
20, 30
0.048
3400(3000)
2500
LVH201B10H-R47□-N
0.47
1
20, 30
0.072
2900(2600)
2100
LVH201B10H-R56□-N
0.56
1
20, 30
0.072
2700(2400)
2100
LVH201B10H-R68□-N
0.68
1
20, 30
0.092
2500(2200)
1800
LVH201B10H-1R0□-N
1.0
1
20, 30
0.110
2200(2000)
1500
LVH201B10H-2R2□-N
2.2
1
20, 30
0.205
1400(1200)
1150
 When ordering, please specify tolerance and packaging codes
 Tolerance: T =±30% , M = ±20%
 L : Agilent/HP4287A+ Agilent/HP16197A, 1MHz 200mV
 RDC : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat & Irms : Agilent/HP4284A, 1MHz 200mV
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ rise above 25℃ ambient.
 Operating temperature range from -40to 125℃. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0.0
0.5
1.0
1.5
2.0
2.5
00.5
1
1.522.5
33.5
4
4.555.5
DC Current(A)
2R2
1R0
R68
R47
R24
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
DC Current(A)
2R2
R24
R47
R68
1R0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com