Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVH201B10H-R24 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LVH201B10H-R24
Description  Sealed Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVH201B10H-R24 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LVH201B10H-R24 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVH201B10H-R24 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVH201B10H-R24 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVH201B10H-R24 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVH201B10H-R24 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVH201B10H-R24 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Sealed Power Inductors - LVH Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(MHz)
Tolerance
(±%)
RDC
(Ω) ±30%
Isat (mA)
Typ. (Max)
Irms (mA)
Typ.
Marking
LVH252A12-R24□-N
0.24
1
20, 30
0.021
4700(4200)
3800
E
LVH252A12-R50□-N
0.50
1
20, 30
0.027
3600(3400)
3000
D
LVH252A12-1R0□-N
1.0
1
20, 30
0.037
2700(2450)
2600
A
LVH252A12-2R2□-N
2.2
1
20, 30
0.080
1900(1800)
1800
B
LVH252A12-4R7□-N
4.7
1
20, 30
0.195
1200(1000)
1100
C
LVH252A12-100□-N
10
1
20, 30
0.400
900(800)
800
F
 When ordering, please specify tolerance and packaging codes
 Tolerance: T =±30% , M = ±20%
 L : Agilent/HP4287A+ Agilent/HP16197A, 1MHz 200mV
 RDC : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat & Irms : Agilent/HP4284A, 1MHz 200mV
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ rise above 25℃ ambient.
 Operating temperature range from -40to 125℃. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
1
2
3
4
5
6
7
8
9
10
11
00.5
1
1.522.533.5
44.5
5
DC Current(A)
100
4R7
2R2
1R0
R50
R24
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
00.5
11.5
2
2.5
33.5
44.5
5
DC Current(A)
100
4R7
2R2
1R0
R24
R50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com