Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7764 Datasheet(PDF) 2 Page - International Rectifier

Part # OM7764
Description  Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7764 Datasheet(HTML) 2 Page - International Rectifier

  OM7764_13 Datasheet HTML 1Page - International Rectifier OM7764_13 Datasheet HTML 2Page - International Rectifier OM7764_13 Datasheet HTML 3Page - International Rectifier OM7764_13 Datasheet HTML 4Page - International Rectifier OM7764_13 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
OM7764ASC
Footnotes
- Denotes specifications which apply over the full operating temperature range.
‚- The OM7764ASC is tested and specified for these conditions with the ADJ pin connected to the OUT pin.
Electrical Characteristics @TA = 25°C (Unless Otherwise Specified)
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Minimum Input voltage
ILOAD = 3.0A c
-2.3
2.7
V
Line Regulation
∆VIN = 2.21V to 20V, ILOAD = 1.0mA cd
-2.0
10
VIN = 2.7V, ILOAD =1.0mA to 3.0A
-5.0
15
mV
VIN = 2.7V, ILOAD =1.0mA to 3.0A cd
--
50
VIN = 2.21V, ILOAD =1.0mA
1.192
1.210
1.228
2.7V < VIN < 20V, 1.0mA < ILOAD < 3.0A c
1.168
1.210
1.246
ILOAD = 1.0mA
-0.02
0.05
ILOAD = 1.0mA c
--
0.10
ILOAD = 100mA
-0.07
0.13
ILOAD = 100mA c
--
0.18
Dropout Voltage
ILOAD = 500mA
-0.14
0.20
V
ILOAD = 500mA c
--
0.27
ILOAD = 1.5mA
-0.25
0.33
ILOAD = 1.5mA c
--
0.40
ILOAD = 3.0A
-0.4
0.54
ILOAD = 3.0A c
--
0.66
ILOAD = 0mA c
-1.0
1.5
ILOAD = 1.0mA c
-1.1
1.6
Ground Pin Current
ILOAD = 100mA c
-3.5
5.0
mA
VIN = VOUT (Nominal)+1 ILOAD = 500mA c
-11
18
ILOAD = 1.5A c
-40
75
ILOAD = 3.0A c
-
120
200
Ripple Rejection
VIN - VOUT = 1.5V(Average), VRIPPLE = 0.5 VP-P
55
65
-
dB
fRIPPLE = 120Hz, ILOAD = 1.5A, TJ = +25°C
Current Limit
VIN = 2.7V, ∆VOUT = -0.1V c
3.1
-
-
A
Input Reverse Leakage
Current
Reverse Output Current VOUT = 1.21V, VIN < 1.21V c
-
300
600
µA
mA
VIN = -20V, VOUT = 0V c
--
1.0
Load Regulation
Adjust Pin Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com