Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7764 Datasheet(PDF) 4 Page - International Rectifier

Part # OM7764
Description  Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7764 Datasheet(HTML) 4 Page - International Rectifier

  OM7764_13 Datasheet HTML 1Page - International Rectifier OM7764_13 Datasheet HTML 2Page - International Rectifier OM7764_13 Datasheet HTML 3Page - International Rectifier OM7764_13 Datasheet HTML 4Page - International Rectifier OM7764_13 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.irf.com
OM7764ASC
Fig 5: Current Limit Vs Temperature
Layout Consideration
It is recommended that output capacitors be located as close as possible to the V
OUT terminal of the
device to prevent any high frequency oscillation that may result due to excessive stray inductance.
Specfications for capacitors: 220
µF (+25V) Tantalum, 100µF (+25V)Tantalum, 0.1µF (+50V) Ceramic
Fig 6: Typical Application
V
OUT = 1.21V(1 + (R2/R1)) + IADJ(R2)
I
ADJ = 3.0uA @ 25°C
OM7764A
IN
OUT
ADJ
R2
R1
GND
0.1uF
100uF
SHDN
220uF
0.1uF
VOUT
VIN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com