Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-X53230P-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-X53230P-C1-R0
Description  High Performance BGA Cooling Solutions with superGRIP™ Attachment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-X53230P-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-X53230P-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
Notes:
Dimensions are measureD in millimeters
Dimensions a & B refer to component size
Dimension c = the height of the heat sink shown aBove anD Does not
incluDe the height of the attachment methoD
ats reserves the right to upDate or change it proDucts without
notice
contact ats to learn aBout custom options availaBle
1)
2)
3)
4)
5)
thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-X53230P-C1-R0
Features & Benefits
High Performance BGA Cooling
Solutions with superGRIP™ Attachment
REV1_0908
AIR VELOCITy
THERMAL RESISTANCE
ft/min
m/s
°c/w (unDucteD flow)
°c/w (DucteD flow)
200
1.0
300
1.5
400
2.0
500
2.5
600
3.0
700
3.5
800
4.0
7.3
5.9
5.2
4.7
4.3
4.0
3.8
4.9
23 mm
23 mm
17.5 mm
23 mm
Blue anoDizeD
chomerics t-766
Designed for 23 x 23 mm Bga components
supergriptm super strong, uniform attachment force helps achieve
maximum performance from phase-changing tim and does not require
holes in the pcB
allows the heat sink to be detached and reattached without damaging the
component and/or the pcB, an important feature in the event a pcB may
need to be reworked
meets telcordia gr-63-core office vibration, etsi 300 019
transportation vibration, and mil-stD-810 shock testing and
unpackaged Drop testing standards
requires minimal space around the component’s perimeter; ideal for
densely populated pcBs
“keep-out” requirements: an “un-populated” boarder zone of 3 mm
around the component is necessary to facilitate the installation/removal of
the supergrip™. please refer to the supergrip™ keep-out guidelines
and supergrip™ installation/removal instructions for further details
»
»
»
»
»
»
*Image above is for illustration purposes only.


Similar Part No. - ATS-X53230P-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-X53230B-C1-R0 ATS-ATS-X53230B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53230G-C1-R0 ATS-ATS-X53230G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
More results

Similar Description - ATS-X53230P-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-X53170P-C1-R0 ATS-ATS-X53170P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53190B-C1-R0 ATS-ATS-X53190B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53190G-C1-R0 ATS-ATS-X53190G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53210B-C1-R0 ATS-ATS-X53210B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53250B-C1-R0 ATS-ATS-X53250B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53350G-C1-R0 ATS-ATS-X53350G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53375B-C1-R0 ATS-ATS-X53375B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53400G-C1-R0 ATS-ATS-X53400G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53425P-C1-R0 ATS-ATS-X53425P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
ATS-X53450P-C1-R0 ATS-ATS-X53450P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with superGRIP™ Attachment
REV1_0908
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com