Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKA100LS02C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # VKA100LS02C
Description  100 Watt Adjustable Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VKA100LS02C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  VKA100LS02C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. VKA100LS02C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. VKA100LS02C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. VKA100LS02C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATIONS, ALL MODELS
Specifications are at T
CASE = +40°C nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
VKA100LS
18
24
36
VDC
VKA100MS
33
48
75
VDC
Maximum Input Current
VKA100LS
V
IN
= 16VDC
7.4
A
VKA100MS
V
IN
= 27VDC
4.4
A
Reflected Ripple Current
Peak - Peak
20
mA
Input Ripple Rejection
DC to 1KHz
50
60
dB
No Load Input Current LS/MS
140/80
mA
No Load
Power Dissipation LS/MS
3.4/3.8
W
Standby, Primary On/Off
Disabled LS/MS
0.12/0.24
W
Inrush Charge
V
IN
= V
IN
max.
VKA100LS
0.520
mC
VKA100MS
0.360
mC
Quiescent Operating Current
Primary On/Off Disabled
5
12
mA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Rated Power
0
100
W
Set point Accuracy
1
%
Line Regulation
High Line to Low Line
0.02
0.05
%
Load Regulation
No Load to Rated Load
0.2
0.5
%
Output Temperature Drift
±.02
%/°C
Output Ripple, p-p
DC to 20MHz BW
1%
V
OUT
, Nom
Output Current Limit Inception
130%
150%
l
OUT
, Nom
Output Short-Circuit Current (2)
test
120%
150%
l
OUT
, Nom
Output Overvoltage Limit
125%
135%
V
Transient Response
50 to 100% Load Step
Peak Deviation
di/dt = 0.1A/
μSec
2%
V
OUT
, Nom
Settling Time
V
OUT
, 1% of Nominal Output
100
μSec
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION
Input to Output
Peak Test for 2 Seconds
1500
VDC
Input to Baseplate
1500
VDC
Output to Baseplate
500
VDC
Resistance
10
M
Ω
Capacitance
2000
pF
Leakage Current
V
ISO
= 240VAC, 60Hz
180
μA, rms
GENERAL
Efficiency, Line, Load, Temp. (3)
Switching Frequency
400
420
440
KHz
Remote Sense Compensation
0.5
V
Output Voltage Adjust Range
12 V & higher(4)
-50% / +25%
V
OUT
, Nom
Remote On/Off Control Inputs
Primary
Open Collector/Drain
Sink Current-Logic Low
1.0
mA
Vlow
0.4
V
Vhigh0
Open Collector
Turn-on Time
Within 1% of Rated Output
10.0
12.5
mSec
Weight
85 (3.0)
g (oz.)
TEMPERATURE
Operation/Specification
Case Temperature
-40
+25
+100
°C
Storage
Case Temperature
-55
+25
+125
°C
Shutdown Temperature
Case Temperature
+100
+115
°C
Thermal Impedance, case-ambient
7.1
°C/W
Lead Solder Temperature
10 Seconds max
+300
°C
NOTES: (1) See Typical Performance Curves, page 3
(2) Continuous Mode
(3) See graphs for Efficiency vs. Output Load, V
IN
, T
CASE
(4) 3.3V Models Limited in Trim Down Range
(5) Consult Factory for Details
email: sales@murata-ps.com
04 May 2011 VKA100C.BO5 Page 2 of 4
VKA100
100 Watt Adjustable Output DC/DC Converter
www.murata-ps.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com