Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKA100LS02C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # VKA100LS02C
Description  100 Watt Adjustable Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VKA100LS02C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  VKA100LS02C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. VKA100LS02C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. VKA100LS02C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. VKA100LS02C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ambient Air Temperature (°C)
VKA100
xSzz -
Device Family
Indicates 100 Watt Regulated Unit
Model Number
Selected from Table of Electrical Characteristics
Where:
x = Input Voltage (L = 24VDC; M = 48VDC)
zz = Output Voltage (03=3.3V, 05=5V, etc.)
Lead Length
0.200” -
No Number
0.145” -
(6)
0.110” -
(8)
Remote On-Off Logic:
Positive - No Number
Negative - (1)
email: sales@murata-ps.com
04 May 2011 VKA100C.BO5 Page 3 of 4
VKA100
100 Watt Adjustable Output DC/DC Converter
www.murata-ps.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com