Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMP23K2M2-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMP23K2M2-GS08
Description  Mini SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMP23K2M2-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMP23K2M2-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VLMP23..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 22-May-13
1
Document Number: 81704
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Mini SMD LED
DESCRIPTION
The new MiniLED series have been designed in a small white
SMT package. The feature of the device is the very small
package 2.3 mm x 1.3 mm x 1.4 mm. The MiniLED is an
obvious solution for small-scale, high-power products that
are expected to work reliable in an arduous environment.
This is often the case in automotive and industrial
application.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD MiniLED
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• IR reflow soldering
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: Excellent for coupling to
light pipes and backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.  1.6
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: Backlighting in dashboards and switches
• Telecommunication:
Indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
Note
(1) Driving the LED in reverse direction is suitable for short term application
19226
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMP23K2M2-GS08
Pure green
9
-
28
20
555
560
565
20
-
2.2
2.6
20
AlInGaP on GaAs
VLMP23L2M2-GS08
Pure green
14
-
28
20
555
560
565
20
-
2.2
2.6
20
AlInGaP on GaAs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMP23..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb  80 °C
IF
30
mA
Surge forward current
tp  10 μs
IFSM
0.1
A
Power dissipation
PV
80
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/ambient
Mounted on PC board (pad size > 5 mm2)RthJA
580
K/W


Similar Part No. - VLMP23K2M2-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMP23K2M2-GS08 VISHAY-VLMP23K2M2-GS08 Datasheet
305Kb / 9P
Mini SMD LED
28-Nov-14
logo
HK TO-GRACE TECHNOLOGY ...
VLMP23K2M2-GS08 TO-GRACE-VLMP23K2M2-GS08 Datasheet
1Mb / 9P
Mini SMD LED
More results

Similar Description - VLMP23K2M2-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMP23 VISHAY-VLMP23 Datasheet
305Kb / 9P
Mini SMD LED
28-Nov-14
VLMS233 VISHAY-VLMS233 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMG21K1L2-GS08 TO-GRACE-VLMG21K1L2-GS08 Datasheet
1Mb / 9P
Standard Mini SMD LED
VLMS234V2BA-GS08 TO-GRACE-VLMS234V2BA-GS08 Datasheet
737Kb / 8P
Power Mini SMD LED
VLMS2100-GS08 TO-GRACE-VLMS2100-GS08 Datasheet
1Mb / 12P
Standard Mini SMD LED
VLMP23K2M2-GS08 TO-GRACE-VLMP23K2M2-GS08 Datasheet
1Mb / 9P
Mini SMD LED
logo
Vishay Siliconix
VLMOSY21 VISHAY-VLMOSY21 Datasheet
350Kb / 12P
Standard Mini SMD LED
22-May-2019
VLMG21 VISHAY-VLMG21_V01 Datasheet
334Kb / 9P
Standard Mini SMD LED
22-May-2019
VLMP23 VISHAY-VLMP23_V01 Datasheet
318Kb / 9P
Mini SMD LED
23-Sep-2021
VLMP23L2M2 VISHAY-VLMP23L2M2 Datasheet
335Kb / 9P
Mini SMD LED
27-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com