Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMP23K2M2-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMP23K2M2-GS08
Description  Mini SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMP23K2M2-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMP23K2M2-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMP23K2M2-GS08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VLMP23..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 22-May-13
2
Document Number: 81704
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one package unit IVmax./IVmin.  1.6
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one reel.
In order to ensure availability, single wavelength groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Rel. Luminous Intensity vs. Angular Displacement
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMP23.., PURE GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 20 mA
VLMP23K2M2
IV
9-
28
mcd
VLMP23L2M2
14
-
28
Dominant wavelength
IF = 20 mA
d
555
560
565
nm
Peak wavelength
IF = 20 mA
p
-
555
-
nm
Angle of half intensity
IF = 20 mA
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
-2.2
2.6
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
OPTIONAL
MAX.
MAX.
K
17.1
9
2
9
11.2
L
1
11.2
14
214
18
M
1
18
22.4
2
22.4
28
CROSSING TABLE
VISHAY
OSRAM
VLMP23K2M2
LPM676-K2M1
VLMP23L2M2
LPM676-L1M2
COLOR CLASSIFICATION
GROUP
PURE GREEN
DOMINANT WAVELENGTH (nm)
MIN.
MAX.
0
555
559
1
558
561
2
560
563
3
562
565
0
5
10
15
20
25
30
35
40
0
20406080
100
120
Tamb - Ambient Temperature (°C)
17524
0.4
0.2
0
95 10319_1
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com