Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAS170HT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAS170HT3G
Description  SCHOTTKY BARRIER DIODE Schottky diode for high-speed switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAS170HT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAS170HT3G Datasheet HTML 1Page - Leshan Radio Company LBAS170HT3G Datasheet HTML 2Page - Leshan Radio Company LBAS170HT3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
SCHOTTKY BARRIER DIODE
LBAS170HT1G
Features
3000 Tape & Reel
10000 Tape & Reel
• Schottky diode for high-speed switching
• Circuit protection
• Voltage clamping
• High-level detecting and mixing
We declare that the material of product
compliance with RoHS requirements.
Ordering Information
Device
Marking
Shipping
SOD-323
1
CATHODE
2
ANODE
(TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
70
V
Forward Continuous Current at Tamb = 25°C
F
70
mA
Surge Forward Current at tp < 1s, Tamb = 25°C
FSM
600
mA
Power Dissipation(1) at Tamb = 25°C
tot
200
mW
Thermal Resistance Junction to Ambient Air(1)
R
θJA
650
°C/W
Junction Temperature
T j
150
°C
Operating Temperature Range
T op
–55 to +125
°C
Storage Temperature Range
T S
–55 to +150
°C
Note: (1) Valid provided that electrodes are kept at ambient temperature
LBAS170HT1G
LBAS170HT3G
73
73
Maximum Ratings and Thermal Characteristics
I
I
P
(TC = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
IR = 10
µA (pulsed)
70
——
V
Leakage Current
I R
VR = 50V
——
0.1
µA
VR = 70V
——
10
Forward Voltage
VF
IF = 1mA
375
410
mV
IF = 10mA
705
750
IF = 15mA
(1)
880
1000
Capacitance
Ctot
VR = 0V
1.5
2
pF
f = 1MHz
Charge Carrier Lifetime
τ
IF = 25mA
100
ps
Differential Forward Resistance
RF
IE = 5mA, f = 10KHZ
34
Note: (1) Pulse test; tp
≤ 300µs
Electrical Characteristics
Rev.O 1/3


Similar Part No. - LBAS170HT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAS116LT1G LRC-LBAS116LT1G Datasheet
77Kb / 3P
Surface Mount Low Leakge Diode Ultra-Small Surface Mount Package
logo
Shanghai Leiditech Elec...
LBAS116LT1G LEIDITECH-LBAS116LT1G Datasheet
360Kb / 3P
Surface Mount Low Leakge Diode
logo
Leshan Radio Company
LBAS116LT1G LRC-LBAS116LT1G_15 Datasheet
78Kb / 3P
Surface Mount Low Leakge Diode
LBAS116LT3G LRC-LBAS116LT3G Datasheet
77Kb / 3P
Surface Mount Low Leakge Diode Ultra-Small Surface Mount Package
logo
Shanghai Leiditech Elec...
LBAS116LT3G LEIDITECH-LBAS116LT3G Datasheet
360Kb / 3P
Surface Mount Low Leakge Diode
More results

Similar Description - LBAS170HT3G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB0104YP HITACHI-HSB0104YP Datasheet
27Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
logo
Renesas Technology Corp
HSU226 RENESAS-HSU226 Datasheet
44Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
logo
Hitachi Semiconductor
HSB88WA HITACHI-HSB88WA Datasheet
33Kb / 5P
SILICON SCHOTTKY BARRIER DIODE FOR HIGH SPEED SWITCHING
logo
Renesas Technology Corp
HSB88WA RENESAS-HSB88WA Datasheet
78Kb / 7P
SILICON SCHOTTKY BARRIER DIODE FOR HIGH SPEED SWITCHING
logo
Hitachi Semiconductor
HSB88WK HITACHI-HSB88WK Datasheet
34Kb / 5P
SILICON SCHOTTKY BARRIER DIODE FOR HIGH SPEED SWITCHING
logo
Renesas Technology Corp
RKD702KL RENESAS-RKD702KL Datasheet
66Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
HSB0104YP RENESAS-HSB0104YP Datasheet
76Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
HSB226S RENESAS-HSB226S Datasheet
64Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
HSU227 RENESAS-HSU227 Datasheet
140Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
HSC226 RENESAS-HSC226 Datasheet
60Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com