Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-101000 Datasheet(PDF) 30 Page - Amphenol Corporation

Part # MS-101000
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101000 Datasheet(HTML) 30 Page - Amphenol Corporation

Back Button MS-101000 Datasheet HTML 26Page - Amphenol Corporation MS-101000 Datasheet HTML 27Page - Amphenol Corporation MS-101000 Datasheet HTML 28Page - Amphenol Corporation MS-101000 Datasheet HTML 29Page - Amphenol Corporation MS-101000 Datasheet HTML 30Page - Amphenol Corporation MS-101000 Datasheet HTML 31Page - Amphenol Corporation MS-101000 Datasheet HTML 32Page - Amphenol Corporation MS-101000 Datasheet HTML 33Page - Amphenol Corporation MS-101000 Datasheet HTML 34Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Ordering Information
MS - XX-PGYY
Where XX- Shell Size
YY-PG-Thread Size
PG Adaptor
Shell
size
G Thread
in inches
PG 9
L
L
L
L
L
L
L
A
30
21
26
30
35
26
26
37
40
30
35
35
28
28
40
40
35
35
38
45
37
45
45
57
44
55
57
57
55
45
45
35
35
35
40
40
40
40
40
40
28
37
30
25
25
30
25
25
23
23
30
23
23
30
A
A
A
A
A
A
B
B
B
B
B
B
B
10SL
5/8-24
11/16-24
3/4-20
7/8-20
1-20
1 1/8-18
1 1/4-18
1 3/8-18
2 1/8-18
1 5/8-18
12S
14
16
18
20
22
24
28
36
PG 11
PG 13
PG 16
PG 21
PG 29
PG 36
G
L
PG
‘O’ Ring
28
MS And 97B Series
Shell size
G Thread in inches
EGM/PHM 11
EGM/PHM 21
10SL
12SL
14
16
18
20
22
32
36
5/8”-24
25.00
37.00
27.00
41.00
11/16”-24
3/4”-20
7/8”-20
1”-20
1.1/8”-18
1.1/4”-18
1.29/32”-18
2.1/6”-18
25.00
25.00
25.00
29.00
31.50
35.00
35.00
52.00
24
1.3/8”-18
52.00
37.00
37.00
40.00
40.00
52.00
60.00
60.00
70.00
70.00
27.00
27.00
27.00
31.00
33.50
35.00
35.00
52.00
52.00
41.00
41.00
43.00
43.00
55.00
60.00
60.00
70.00
70.00
D
D
L
L
EGM/PHM
Backshell Accessories
Note:- Rubber Bush supplied in Packing
In case of PHM inner metal Furrele is not required/supplied
G
L
D
‘O’ RING
EGM INNER METAL FERRULE
PLASTIC CDMB
RUBBER BUSH
EGM BACKSHELL
GLAND NUT
EGM/PHM11 Can accept cable Min. 5.70 mm & Max. 10.85 mm
EGM/PHM21 Can accept cable Min. 12.70 mm & Max. 17.85 mm
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com