Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-101000 Datasheet(PDF) 23 Page - Amphenol Corporation

Part # MS-101000
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101000 Datasheet(HTML) 23 Page - Amphenol Corporation

Back Button MS-101000 Datasheet HTML 19Page - Amphenol Corporation MS-101000 Datasheet HTML 20Page - Amphenol Corporation MS-101000 Datasheet HTML 21Page - Amphenol Corporation MS-101000 Datasheet HTML 22Page - Amphenol Corporation MS-101000 Datasheet HTML 23Page - Amphenol Corporation MS-101000 Datasheet HTML 24Page - Amphenol Corporation MS-101000 Datasheet HTML 25Page - Amphenol Corporation MS-101000 Datasheet HTML 26Page - Amphenol Corporation MS-101000 Datasheet HTML 27Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
21
Shell Types
Right angle plug
MS-3108
MS-4108
Note - Both versions, straight and diamond knurling available on coupling ring. For details, contact factory.
All dimensions are in mm
Connector
Size
19.05
19.84
19.84
22.22
22.22
25.40
25.40
28.57
31.75
34.92
38.10
44.45
51.75
57.15
5/8-24 NEF
5/8-24 UNEF
11/16-24 NEF
11/16-24 NEF
3/4-20 UNEF
3/4-20 UNEF
3/4-20 UNEF
3/4-20 UNEF
7/8-20 UNEF
1-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
1-20 UNEF
1-20 UNEF
1 1/8-18 NS
1 1/8-18 UNEF
1 1/4-18 NEF
1 1/4-18 UNEF
1 3/8-18 NEF
1 3/8-18 UNEF
1 1/2-18 UNEF
1 5/8-18 NEF
1 3/4-18 UNS
1 29/32-18 NS
2-18 UNS
2 1/16-20 UNS
2 1/4-16 NS
10SL
12S
14S
14
12
16S
16
18
20
22
24
28
32
36
A
Q
max
V
Thread
in inches
Thread
in inches
63.50
2 5/16-16 UN
2 1/2-16 UN
40
Q max
MS And 97B Series
Shell Types
Box mounting receptacle
97B-3100 97B-4100
MOUNTING HOLES
4.39 DIA. FOR SIZE 32 , 36 AND 40
3.73 DIA. FOR SIZE 24 AND 28
3.05 DIA. FOR ALL OTHER SIZES
All dimensions are in mm
V
K
M
Connector
Size
2.8
3.2
3.2
3.2
4.0
4.0
4.0
4.0
4.0
4.0
4.0
14.2
14.2
14.2
19.0
19.0
19.0
19.0
20.6
20.6
22.2
22.2
18.2
23.0
24.6
24.6
27.0
29.4
31.8
34.9
39.7
44.5
49.2
25.4
30.0
32.5
32.5
35.0
38.0
41.0
44.5
50.8
57.0
63.5
5/8-24 NEF
3/4-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
1-20 UNEF
1 1/8-24 NS
1 1/4-18 NEF
1 3/8-18 NEF
1 5/8-18 NEF
2 5/16-16 UN
18.2
24.6
27.4
27.4
30.8
34.2
37.4
40.9
46.7
53.4
59.6
10SL
14S
16S
16
18
20
22
24
28
32
36
A
K
M
R
S
V
Thread
in inches
40
65.5
4.0
22.2
55.5
69.85
1 7/8-16UN
2 1/16-16UN
V
A THREAD
R
S
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com