Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-101003 Datasheet(PDF) 36 Page - Amphenol Corporation

Part # MS-101003
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101003 Datasheet(HTML) 36 Page - Amphenol Corporation

Back Button MS-101003 Datasheet HTML 32Page - Amphenol Corporation MS-101003 Datasheet HTML 33Page - Amphenol Corporation MS-101003 Datasheet HTML 34Page - Amphenol Corporation MS-101003 Datasheet HTML 35Page - Amphenol Corporation MS-101003 Datasheet HTML 36Page - Amphenol Corporation MS-101003 Datasheet HTML 37Page - Amphenol Corporation MS-101003 Datasheet HTML 38Page - Amphenol Corporation MS-101003 Datasheet HTML 39Page - Amphenol Corporation MS-101003 Datasheet HTML 40Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
MS/97B Connector- Accessories
Crimp contact
Contacts for MS/97B connectors are machined from copper alloys and silver plated for maximum corrosion
resistance, with a minimum millivolt drop and a maximum current carrying capacity; the size 16 and 12 socket
contacts are of the closed entry design. Gold plated contacts are also available.
* Solder contacts are not sold as separate items. Part numbers shown here are for crimp contacts only.
** When using wire adapter sleeve shown.
*** Contact rating as stated are test ratings only. The connecter may not withstand full rated current through all
contacts continuously. Please note that the electrical data given is not an establishment of electrical safety factors.
This is left entirely in the designer
`s hands as he can best determine which peak voltage, switching surges,
transients, etc. can be expected in a particular circuit.
When proprietary crimp contacts are employed rather than the standard MS
approved solder contacts, the following application tools are recommended for use.
There is a possibility of additional crimping tools other than those included being
available at present or in the future for this specific application.
TOOLING CHART
Crimping
Tool
M22520/1-01
M22520/1-01
**
**
**
Positioner/
Turret
*
*
**
**
**
MS/97B
Application tools
Connectors
* Use Daniels Turret TH29-1 or Astro Tool Co. Turret 616266
** For appropriate crimp tool and positioner refer to Pico Crimping Tool Co.
† Tools used with Arbor Press 11-7364
Part Number
For Crimp Contacts
only*
Pin/
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Mating End
Size
16 Short
16 Long
12
8
4
0
Wire Barrel
Size
16
16
12
8
4
0
Allowable
Wire size
16
18
60
22**
16
18
20
22**
12
14
8
10**
4
6**
0
1
2**
Test Current***
Amps
13
10
7.5
5
13
10
7.5
5
23
17
46
33
80
60
150
125
†
34
MS And 97B Series
MS-106433
MS-108456
MS-108295
MS-108457
MS-108388
MS-110262
MS-108386
MS-108387
MS-108384
MS-111878
MS-112067
MS-112068
Insertion/Removal
Tool
97B-IR-16
97B-IR-16
97B-IR-12
97B-IR-8
97B-IR-4
97B-IR-0
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com