Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-101003 Datasheet(PDF) 37 Page - Amphenol Corporation

Part # MS-101003
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101003 Datasheet(HTML) 37 Page - Amphenol Corporation

Back Button MS-101003 Datasheet HTML 32Page - Amphenol Corporation MS-101003 Datasheet HTML 33Page - Amphenol Corporation MS-101003 Datasheet HTML 34Page - Amphenol Corporation MS-101003 Datasheet HTML 35Page - Amphenol Corporation MS-101003 Datasheet HTML 36Page - Amphenol Corporation MS-101003 Datasheet HTML 37Page - Amphenol Corporation MS-101003 Datasheet HTML 38Page - Amphenol Corporation MS-101003 Datasheet HTML 39Page - Amphenol Corporation MS-101003 Datasheet HTML 40Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
35
PC- Premating
contact designation
See pages 8 to 18
Alternate positions
W - X - Y - Z
(No suffix - Normal)
See insert orientations on page 6.
MS
3
100
A -
-
-
-
-
-
18
19
P
PC
W
3
- Solder
4
- Crimp
To obtain the specific connector required, write down the connector number from the typical example below. Only inserts
shown in the availability chart shown on page 7 can be specified. Connectors are delivered with protective plastic dust
covers. Include premating contact designation only if premating contact is required. The second letter in the premating
contact designation stands for the actual contact position. B at the end of the connector number indicates telescopic
bushing provided.
MS/97B Series Connectors
MS - Threaded version
97B - Bayonet version
Series designation
Insert arrangement
See pages 7 to 18
Shell size
10S, 10SL, 12S, 12, 14S,
14, 16S, 16, 18, 20, 22,
24, 28, 32, 36.
Standard - Cadmium
plating with olive drab
chromate finish
Alternate finishes
1. Cadmium free zinc-
cobalt plating with
olive drab chromate
finish-622
2. Cadmium free zinc-
cobalt plating with
black finish (624)
3. Electroless Nickel
plating(A23)
4. 608:- Black Anodized
For details contact factory.
Shell finish
Contact type
P -
Pin contacts
S -
Socket contacts
Standard - Silver plating
Note :
Contact factory for gold
plating part number.
Note:- Connector 3103 supplied in two types. Connector with rear end thread to accept backshell & without rear end thread. To order
3103 without rear end thread do not add any connector class such as( A,E,F,R...) & hence it is similar to 3102 with Back Box mount
For e.g 97B-3103-18-1P-622
Connector without thread
MS And 97B Series
Shell style
100
-
Wall mounting
receptacle
Cable connecting
receptacle
Back box mounting receptacle
without rear end thread
Box mounting
receptacle
101
-
102
-
103
-
Straight plug
90 plug
106
-
108
-
0
-
105A
107R - Jam nut Receptacle
107T
Jam nut Receptacle with
threads to accept accessories
Plug suitable for right angle
back shell to interlock
107A
Plug without accessories,
suitable only of straight
accessories
-
-
-
Connector class
A
-
F
R
Solid backshell. Applicable to straight plug
Environment resisting with grommet
seal and strain relief backshell. 3106F
style includes a front gasket seal
Environment resisting with grommet
seal, lightweight, shorter overall length
Straight PG threaded backshells
Supplied with different diameter sizes to
suit varying Cable sizes, used for
unshielded cable
Backshell for heat shrinkable end shell
Backshell for shielding & heat Shrinkable
end shells
Backshell with metal ferrule for shielded cable
Backshell without metal ferrule for unshielded
cable
PG
G
SQ
EGM -
PHM -
-
-
-
-
-
For 97B - Connector Modification
F 42 - Less grommet & backshell
F0/LC - Less contacts
563 - Gold plated contacts
T 00 - Metric threads in flange holes
97 BS - Bayonet Version with Steel wear pin (for receptacle connector)
RFI - Plug connector with grounding finger
HD - Heavy duty coupling ring
AMPHENOL
103X
Back box mounting receptacle
with rear end thread to accept
accessory (Replace X by
required connector class)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com