Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-101007 Datasheet(PDF) 12 Page - Amphenol Corporation

Part # MS-101007
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101007 Datasheet(HTML) 12 Page - Amphenol Corporation

Back Button MS-101007 Datasheet HTML 8Page - Amphenol Corporation MS-101007 Datasheet HTML 9Page - Amphenol Corporation MS-101007 Datasheet HTML 10Page - Amphenol Corporation MS-101007 Datasheet HTML 11Page - Amphenol Corporation MS-101007 Datasheet HTML 12Page - Amphenol Corporation MS-101007 Datasheet HTML 13Page - Amphenol Corporation MS-101007 Datasheet HTML 14Page - Amphenol Corporation MS-101007 Datasheet HTML 15Page - Amphenol Corporation MS-101007 Datasheet HTML 16Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Insert
rrangements
A
Front face of pin insert or rear of socket insert illustrated
CONTACT LEGEND
16
12
8
4
0
B
A
G
H
C
D
E
F
B
A
C
D
E
F
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
A
B
C
E
D
*18-29
A
5
16
D
20-7
A,B,H,G=D;C,D,E,F=A
8
16
A
B
A
G
C
D
E
F
20-15
A
7
12
A or D
B
A
G
I
H
C
D
E
F
20-16
A
2 7
12 16
E
B
A
C
D
E
F
G
H
20-9
H=D;Bal.=A
1 7
12 16
H
B
A
C
D
F
E
20-17
A
5 1
12 16
E or F
A
B
C
20-3
D
4
12
A
B
A
C
D
E
F
G
H
I
20-18
A
3 6
12 16
D
B
A
C
20-19
A
3
8
C
B
A
C
D
E
20-14
A
2 3
8 12
D
B
A
C
D
20-20
A
1 3
4 12
A
A
B
C
E
D
0
-
*18-30
A
5
16
C
110 rotation
of 18-20
A
B
C
E
D
0
-
*18-31
A
5
16
C
260 rotation
of 18-20
F
A
B
C
D
E
20-22
A
3 3
8 16
A
B
20-23
A
2
8
20-8
Inst.
2 4
8 16
B
L
A
C
D
N
M
E
F
G
H
K
J
20-11
Inst.
13
16
B
A
*20-12
A
1 1
4 16
F
A
B
C
D
E
G
H
I
*20-21
A
1 8
12 16
1
10
MS And 97B Series
*Not tooled up, can be tooled up on request. Contact Factory.
A
B
C
D
A
B
C
20-4
D
4
12
C or D
*20-6
D
3
16
A
A
B
C
18-22
D
3
16
C
B
A
H
G
I
C
D
E
F
J
250 rotation
of 18-1
-o
*18-24
B,C,F,G=A;Bal.=Inst.
10
16
A
B
C
D
E
F
G
H
J
20A - 9
A
9
12
20-2
D
1
0
-
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com