Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-101007 Datasheet(PDF) 21 Page - Amphenol Corporation

Part # MS-101007
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101007 Datasheet(HTML) 21 Page - Amphenol Corporation

Back Button MS-101007 Datasheet HTML 17Page - Amphenol Corporation MS-101007 Datasheet HTML 18Page - Amphenol Corporation MS-101007 Datasheet HTML 19Page - Amphenol Corporation MS-101007 Datasheet HTML 20Page - Amphenol Corporation MS-101007 Datasheet HTML 21Page - Amphenol Corporation MS-101007 Datasheet HTML 22Page - Amphenol Corporation MS-101007 Datasheet HTML 23Page - Amphenol Corporation MS-101007 Datasheet HTML 24Page - Amphenol Corporation MS-101007 Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
19
MS-3100
MS-4100
Cable Connecting Receptacle
MS-3101
MS-4101
MOUNTING HOLES
4.39 DIA. FOR SIZE 32 AND 36
3.73 DIA. FOR SIZE 24 AND 28
3.05 DIA. FOR ALL OTHER SIZES
4.55 DIA. FOR 40 SIZE
M
A
K
V
PANEL OPENING
All dimensions are in mm
Connector
Size
1.98
1.98
1.98
1.98
1.98
1.98
3.17
3.17
3.17
3.17
3.17
3.17
3.17
3.17
3.45
14.29
20.62
20.62
20.62
23.82
23.82
26.97
26.97
30.17
33.32
36.52
39.67
46.02
53.0
58.72
62.00
14.29
14.29
14.29
19.05
19.05
19.05
19.05
19.05
19.05
20.64
20.64
22.25
22.22
22.22
18.25
20.64
20.64
23.02
23.02
24.61
24.61
26.99
29.37
31.75
34.92
39.69
44.45
49.21
55.58
25.68
27.76
27.76
30.43
30.43
32.82
32.82
35.07
38.38
41.55
44.70
51.08
57.15
63.78
69.85
5/8-24 NEF
5/8-24 UNEF
11/16-24NEF
11/16-24NEF
3/4-20 UNEF
3/4-20 UNEF
3/4-20 UNEF
3/4-20 UNEF
7/8-20 UNEF
1-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
1-20 UNEF
1-20 UNEF
1 1/8-18 NS
1 1/8-18 UNEF
1 1/4-18 NEF
1 1/4-18 UNEF
1 3/8-18 NEF
1 3/8-18 UNEF
1 1/2-18 UNEF
1 5/8-18 NEF
1 3/4-18 UNS
1 7/8-16UN
2.00-18 UNS
2 1/16-16UN
2 5/16-16 UN
2 1/4-16 UN
2 1/2-16 UN
10SL
12S
14S
14
12
16S
16
18
20
22
24
28
32
36
A
K
M
O
R
S
V
Thread
in inches
Thread
in inches
40
Shell Types
Wall mounting receptacle
V
A
MS And 97B Series
All dimensions are in mm
Connector
Size
5/8-24 NEF
5/8-24 UNEF
11/16-24 NEF
11/16-24 NEF
3/4-20 UNEF
3/4-20 UNEF
3/4-20 UNEF
3/4-20 UNEF
7/8-20 UNEF
1-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
7/8-20 UNEF
1-20 UNEF
1-20 UNEF
1 1/8-18 NS
1 1/8-18 UNEF
1 1/4-18 NEF
1 1/4-18 UNEF
1 3/8-18 NEF
1 3/8-18 UNEF
1 1/2-18 UNEF
1 5/8-18 NEF
1 3/4-18 UNS
2-18 UNS
2 5/16-16 UN
2 1/4-16 UN
2 1/2-16 UN
10SL
12S
14S
14
12
16S
16
18
20
22
24
28
32
36
A
V
Thread
in inches
Thread
in inches
40
1 7/8-16UN
2 1/16-16UN
R
S
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com